Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78 Datasheet(PDF) 15 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM78
Description  Microprocessor System Hardware Monitor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM78 Datasheet(HTML) 15 Page - National Semiconductor (TI)

Back Button LM78 Datasheet HTML 11Page - National Semiconductor (TI) LM78 Datasheet HTML 12Page - National Semiconductor (TI) LM78 Datasheet HTML 13Page - National Semiconductor (TI) LM78 Datasheet HTML 14Page - National Semiconductor (TI) LM78 Datasheet HTML 15Page - National Semiconductor (TI) LM78 Datasheet HTML 16Page - National Semiconductor (TI) LM78 Datasheet HTML 17Page - National Semiconductor (TI) LM78 Datasheet HTML 18Page - National Semiconductor (TI) LM78 Datasheet HTML 19Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Functional Description (Continued)
2.2 Serial Bus Interface
When using the Serial Bus Interface a write will always
consist of the LM78 Serial Bus Interface Address byte, fol-
lowed by the Internal Address Register byte, then the data
byte. There are two cases for a read:
1.
If the Internal Address Register is known to be at the
desired Address, simply read the LM78 with the Serial
Bus Interface Address byte, followed by the data byte
read from the LM78.
2.
If the Internal Address Register value is unknown, write
to the LM78 with the Serial Bus Interface Address byte,
followed by the Internal Address Register byte. Then
restart the Serial Communication with a Read consisting
of the Serial Bus Interface Address byte, followed by the
data byte read from the LM78.
In all other respects the LM78 functions identically for Serial
Bus communications as it does for ISA communications.
Auto-Increment does not operate. When writing to or reading
from a Register which Auto-Increments with ISA communi-
cations, the Register must be manually incremented for
Serial Bus communications.
The default power on Serial Bus address for the LM78 is:
0101101 binary. This address can be changed by writing any
desired value to the Serial Bus address register, which can
be done either via the ISA or Serial Bus. During and Serial
Bus communication on the BUSY bit (bit 7) in the address
register at x5h will be high, and any ISA activity in that
situation should be limited to reading port x5h only.
All of these communications are depicted in the Serial Bus
Interface Timing Diagrams as shown in
Figure 7.
DS012873-10
(a) Serial Bus Write to the Internal Address Register followed by the Data Byte
DS012873-11
(b) Serial Bus Write to the Internal Address Register Only
DS012873-12
(c) Serial Bus Read from a Register with the Internal Address Register Preset to Desired Location
FIGURE 7. Serial Bus Timing
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com