Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2802QL-T1028 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT2802QL-T1028
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802QL-T1028 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT2802QL-T1028 Datasheet HTML 1Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 2Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 3Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 4Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 5Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 6Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 7Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 8Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
ORDERING INFORMATION
PART NUMBER
OUTPUT FLASHLIGHT
PB TURN
OFF BOOST
LEDS AL-
WAYS ON IN
BOOST
LATCH OFF
AT BOOST
UVLO
BOOST
LIGHT LOAD
OFF TIME
PACKAGE
ACT2802QL-T1028
5V/2.5A
No
Yes
No
Yes
16s
QFN44-24
ACT2802BQL-T1028
5V/2.5A
Yes
No
Yes
Yes
16s
QFN44-24
ACT2802CQL-T1028
5V/2.5A
Yes
No
No
Yes
16s
QFN44-24
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com