Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT2802QL-T1028 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT2802QL-T1028
Description  5V/2.5A Backup Battery Pack Manager
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802QL-T1028 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT2802QL-T1028 Datasheet HTML 8Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 9Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 10Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 11Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 12Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 13Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 14Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 15Page - Active-Semi, Inc ACT2802QL-T1028 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Rev 7, 15-Jul-16
Innovative PowerTM
- 12 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2802/ACT2802B/ACT2802C
FUNCTIONAL DESCRIPTION
End of Charge
When charge current decreases to 15% of set fast 
charge current, the buck converter goes into end of
charge mode and keep monitoring the battery
voltage. 
Recharge
When battery voltage drops by 200mV below the
end of charge voltage, the charger is reinitiated
with constant current charge.
A: PRECONDITION STATE
B: FAST-CHARGE STATE
C: TOP-OFF STATE
D: END-OF-CHARGE STATE
Figure 3.
Typical Li+ Charge Profile and ACT2802/ACT2802B/ACT2802C Charge States
Figure 4.
Charger State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com