Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8870 Datasheet(PDF) 23 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 23 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 19Page - Active-Semi, Inc ACT8870 Datasheet HTML 20Page - Active-Semi, Inc ACT8870 Datasheet HTML 21Page - Active-Semi, Inc ACT8870 Datasheet HTML 22Page - Active-Semi, Inc ACT8870 Datasheet HTML 23Page - Active-Semi, Inc ACT8870 Datasheet HTML 24Page - Active-Semi, Inc ACT8870 Datasheet HTML 25Page - Active-Semi, Inc ACT8870 Datasheet HTML 26Page - Active-Semi, Inc ACT8870 Datasheet HTML 27Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
23
IC is powered on, but they are volatile and reset to the
factory defaults when power is recycled.
Softstart Time. The softstart time is the time it takes an
output to ramp from 0V to its programmed voltage. Each
output’s softstart time is configured via its I2C bit
SS_RAMP. Softstart times can be changed after the IC
is powered on, but they are volatile and reset to the
factory defaults when power is recycled.
Output Voltage. The output voltage is each regulator’s
desired voltage. Each buck’s output voltage is
programmed via its I2C bits Bx_VSET0 and Bx_VSET1.
The output regulates to Bx_VSET0 in ACTIVE mode.
They can be programmed to regulate to Bx_VSET1 in
DVS mode or SLEEP mode. Each output’s voltage can
be changed after the IC is powered on, but the new
setting is volatile and is reset to the factory defaults
when power is recycled. Output voltages can be
changed on the fly. If a large output voltage change is
required, it is best to make multiple smaller changes.
This prevents the IC from detecting an instantaneous
over or under voltage condition because the fault
threshold are immediately changed, but the output
takes time to respond.
Dynamic Voltage Scaling
On-the-fly dynamic voltage scaling (DVS) for the four
buck converters is available via the I2C interface. This
allows systems to save power by quickly adjusting the
microprocessor performance level when the workload
changes. Note that DVS is not a different operating
state. The IC operates in the ACTIVE state, but just
regulates the outputs to a different voltage. For fault free
operation, the user must ensure output load conditions
plus the current required to charge the output
capacitance during a DVS rising voltage condition does
not exceed the current limit setting of the regulator. As
with any power supply, changing an output voltage too
fast can require a current higher than the current limit
setting. The user must ensure that the voltage step,
slew rate, and load current conditions do not result in an
instantaneous loading that results in a current limit
condition.
Enter DVS by programming register 0x00h bit1
(DVS_EN) = 1 and then pulling the EXT_EN pin high.
Note that some CMI configurations may not require
DVS_EN = 1 and may use different input pins.
Fault Protection
The ACT8870 contains several levels of fault protection,
including the following:
Output Overvoltage
Output Undervoltage
Output Current Limit
Thermal Warning
Thermal Shutdown
There are three types of I2C register bits associated with
each fault condition: fault flag bits, fault bits, and mask
bits. The fault flag bits display the real-time fault status.
Their status is valid regardless of whether or not that
fault is masked. The mask bits either block or allow the
fault to affect the fault bit. Each potential fault condition
can be masked via I2C if desired. Any unmasked fault
condition results in the fault bit going high, which asserts
the IRQ pin. IRQ is typically active low. The IRQ pin
only de-asserts after the fault condition is no longer
present and the corresponding fault bit is read via I2C.
Note that masked faults can still be read in the fault flag
bit. Refer to Active-Semi Application Note describing the
Register Map for full details on I2C functionality and
programming ranges.
Output Under/Over Voltage
The ACT8870 monitors the output voltages for under
voltage and over voltage conditions. If one output enters
an UV/OV fault condition, the IC shuts down all outputs
for 100ms and restarts with the programmed power up
sequence. If an output is in current limit, it is possible
that its voltage can drop below the UV threshold which
also shuts down all outputs. If that behavior is not
desired, mask the appropriate fault bit. Each output still
provides its real-time UV/OV fault status via its fault flag,
even if the fault is masked. Masking an OV/UV fault just
prevents the fault from being reported via the IRQ pin.
A UV/OV fault condition pulls the nRESETx pins low.
Note that nRESETx pins are configurable via CMI
settings.
Output Current Limit
The ACT8870 incorporates a three level overcurrent
protection scheme for the buck converters and a single
level scheme for the LDOs. For the buck converters, the
overcurrent current threshold refers to the peak switch
current.
The first protection level is when a buck
converter’s peak switch current reaches 80% of the
Cycle-by-Cycle current limit threshold for greater than
16 switching cycles. Under this condition, the IC reports
the fault via the appropriate fault flag bit. If the fault is
unmasked, it asserts the IRQ pin. This may or may not
turn off that output or other outputs depending on the
specific CMI. The next level is when the current
increases to the Cycle-by-Cycle threshold. The buck
converter limits the peak switch current in each
switching cycle. This reduces the effective duty cycle
and causes the output voltage to drop, potentially
creating
an
undervoltage
condition.
When
the
overcurrent condition results in an UV condition, and UV
is not masked, the IC turns off all supplies off for 100ms
and restarts. The third level is when the peak switch
current reaches 120% of the Cycle-by-Cycle current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com