Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT8870 Datasheet(PDF) 24 Page - Active-Semi, Inc

Part # ACT8870
Description  Advanced PMU for Microcontrollers and Solid State Drive Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870 Datasheet(HTML) 24 Page - Active-Semi, Inc

Back Button ACT8870 Datasheet HTML 20Page - Active-Semi, Inc ACT8870 Datasheet HTML 21Page - Active-Semi, Inc ACT8870 Datasheet HTML 22Page - Active-Semi, Inc ACT8870 Datasheet HTML 23Page - Active-Semi, Inc ACT8870 Datasheet HTML 24Page - Active-Semi, Inc ACT8870 Datasheet HTML 25Page - Active-Semi, Inc ACT8870 Datasheet HTML 26Page - Active-Semi, Inc ACT8870 Datasheet HTML 27Page - Active-Semi, Inc ACT8870 Datasheet HTML 28Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
ACT8870QJ-T
REV 0 23-DEC-2016
Innovative PowerTM
ActiveSwitcherTM is a trademark of Active-Semi.
24
limit threshold.
This immediately shuts down the
regulator and waits 14ms before restarting.
For LDOs, the overcurrent thresholds are set by each
LDO’s Output Current Limit setting. When the output
current reaches the Current Limit threshold, the LDO
limits the output current.
This reduces the output
voltage, creating an undervoltage condition, causing all
supplies to turn off for 100ms before restarting.
The overcurrent fault limits for each output are
adjustable via I2C. Overcurrent fault reporting can be
masked via I2C, but the overcurrent limits are always
active and will shut down the IC when exceeded.
Thermal Warning and Thermal Shutdown
The ACT8870 monitors its internal die temperature and
reports a warning via IRQ when the temperature rises
above the Thermal Interrupt Threshold of typically 135
deg C. It reports a fault when the temperature rises
above the Thermal Shutdown Temperature of typically
165 deg C. A temperature fault shuts down all outputs
unless the fault is masked. Both the fault and the
warning can be masked via I2C. The temperature
warning and fault flags still provide real-time status even
if the faults are masked. Masking just prevents the faults
from being reported via the IRQ pin.
Pin Descriptions
The ACT8870 input and output pins are configurable via
CMI configurations. The following descriptions are refer
to the most common pin functions. Refer to the CMI
Options section in the back of the datasheet for specific
pin functionality for each CMI.
PWREN
The PWREN pin controls the IC’s SLEEP state. When
I2C bit PWREN_MODE = 0, the PWREN pin moves the
IC between the SLEEP and ACTIVE states.
PWREN must be enabled via the PWRDN_EN I2C bit
after power up. PWREN is ignored if the PWRDN_EN
bit is low. The PWREN polarity is controlled by the
PWREN_POL I2C bit. PWREN is active low when
PWREN_POL is high, and active
high when
PWREN_POL is low. The host processor can read the
PWREN status via I2C in the PWREN_STAT I2C bit.
PWREN is referenced to the VIO_IN pin, and is 5.5V
tolerant meaning that PWREN can go to 5.5V even if
VIO_IN is less than 5.5V. PWREN has a 10us
bidirectional filter to prevent noise from triggering
unwanted operation.
EXT_PG
The EXT_PG pin is a dual purpose input. It functions as
either a power good input from an external supply or a
dynamic scaling control input. Configure EXT_PG as a
power good input by setting I2C bit DVS_EN = 0. When
configured as a power good input, EXT_PG can be
used as an input to the nRESETx pins. EXT_PG polarity
is controlled by the EXT_PG_POL bit. EXT_PG is active
high when EXT_PG_POL = 0 and active low when
EXT_PG_POL = 1.
Configure EXT_PG as a dynamic voltage scaling (DVS)
control input by setting I2C bit DVS_EN = 1. When
EXT_PG is de-asserted, all buck regulators regulate to
their VSET0 voltage. When EXT_PG is asserted, the
buck regulators regulate to their VSET1 voltage. Note
that EXT_PG input is only valid for DVS toggling when
the IC is in the ACTIVE state of operation. I2C bit
EXT_PG_POL has no effect in DVS Mode.
EXT_PG is referenced to the VIO_IN pin, and is 5.5V
tolerant meaning that EXT_PG can go to 5.5V even if
VIO_IN is less than 5.5V. The EXT_PG input has a 10us
bidirectional filter to prevent noise from triggering
unwanted operation.
VIO_IN
VIO_IN is the input bias supply for the IC. Apply an input
voltage between 1.62V and 5.5V. Bypass to AGND with
a high quality, 1uF ceramic capacitor.
MODE
Setting MODE = 0 configures Buck1 as a standard
integrated buck regulator. Setting MODE = 1 configures
Buck1 as an integrated bypass switch. In bypass mode,
the Buck1 P-ch power FET is used to sequence the
3.3V supply to the downstream load. This provides full
sequencing flexibility for 3.3V systems by allowing the
3.3V input to be used as the input supply for the other
regulators but still be sequenced in any order for the
downstream loads. Bypass mode is only valid for a 3.3V
input voltage. The MODE pin must be tied directly to
VIN or AGND. MODE is only sampled when VIN
reaches its UVLO threshold during power. Changing
MODE after power up has no effect on functionality. I2C
bit MODE_STAT shows the status of the MODE pin
when it was read at startup.
GPIO
The GPIO pin can be configured as a digital input or an
open drain output. It has multiple uses, including a
sequencing input, sequencing output, status output, or
control input to toggle a supply’s output voltage. Set I2C
bit GPIO_OUT = 0 to configure GPIO as an input. When
using GPIO as an output, GPIO_OUT = 0 configures it
as an open drain output, and GPIO_OUT = 1 configures
it as a logic low output. When used as either an input
or an output, I2C bit GPIO_STAT always provides the
real-time status of the GPIO pin. GPIO_STAT = 0 when
GPIO pin is a logic 0. GPIO_STAT = 1 when GPIO pin
is a logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com