Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC554LC3B Datasheet(PDF) 1 Page - Analog Devices

Part # HMC554LC3B
Description  GaAs MMIC FUNDAMENTAL
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC554LC3B Datasheet(HTML) 1 Page - Analog Devices

  HMC554LC3B Datasheet HTML 1Page - Analog Devices HMC554LC3B Datasheet HTML 2Page - Analog Devices HMC554LC3B Datasheet HTML 3Page - Analog Devices HMC554LC3B Datasheet HTML 4Page - Analog Devices HMC554LC3B Datasheet HTML 5Page - Analog Devices HMC554LC3B Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
1
HMC554LC3B
v06.0514
GaAs MMIC FUNDAMENTAL
MIXER, 11 - 20 GHz
General Description
Features
Functional Diagram
High LO/RF Isolation: 46 dB
Passive Double Balanced Topology
Low Conversion Loss: 7 dB
Wide IF Bandwidth: DC - 6 GHz
Robust 1,000V ESD, Class 1C
12 Lead Ceramic 3x3mm SMT Package: 9mm2
Electrical Specifications, T
A = +25° C, IF= 100 MHz, LO= +13 dBm*
Typical Applications
The HMC554LC3B is ideal for:
• Point-to-Point Radios
• Point-to-Multi-Point Radios & VSAT
• Test Equipment & Sensors
• Military End-Use
The HMC554LC3B is a general purpose double
balanced mixer in a leadless RoHS compliant SMT
package that can be used as an upconverter or
downconverter between 11 and 20 GHz. This mixer is
fabricated in a GaAs MESFET process, and requires
no external components or matching circuitry. The
HMC554LC3B provides excellent LO to RF and LO
to IF isolation due to optimized balun structures. The
RoHS compliant HMC554LC3B eliminates the need
for wire bonding, and is compatible with high volume
surface mount manufacturing techniques.
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, RF & LO
12 - 16
11 - 20
GHz
Frequency Range, IF
DC - 6
DC - 6
GHz
Conversion Loss
7
9
8
11
dB
Noise Figure (SSB)
7
9
8
11
dB
LO to RF Isolation
40
46
40
46
dB
LO to IF Isolation
34
40
30
40
dB
RF to IF Isolation
18
25
15
25
dB
IP3 (Input)
18
18
dBm
IP2 (Input)
48
45
dBm
1 dB Gain Compression (Input)
11
11
dBm
*Unless otherwise noted, all measurements performed as downconverter, IF= 100 MHz.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC554LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
194Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC554LC3B HITTITE-HMC554LC3B_09 Datasheet
194Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
More results

Similar Description - HMC554LC3B

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC260LC3B HITTITE-HMC260LC3B Datasheet
272Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 14 - 26 GHz
HMC329LC3B HITTITE-HMC329LC3B Datasheet
261Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 24 - 32 GHz
HMC553LC3B HITTITE-HMC553LC3B Datasheet
262Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC554LC3B HITTITE-HMC554LC3B Datasheet
273Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC-C049 HITTITE-HMC-C049 Datasheet
249Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 7 - 14 GHz
HMC773LC3B HITTITE-HMC773LC3B Datasheet
218Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 6 - 26 GHz
HMC554 HITTITE-HMC554_09 Datasheet
228Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 11 - 20 GHz
HMC557LC4 HITTITE-HMC557LC4_09 Datasheet
203Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 2.5 - 7.0 GHz
HMC558 HITTITE-HMC558 Datasheet
233Kb / 6P
GaAs MMIC FUNDAMENTAL MIXER, 5.5 - 14 GHz
HMC1043LC3 HITTITE-HMC1043LC3 Datasheet
1Mb / 10P
GaAs MMIC FUNDAMENTAL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com