Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1065LP4E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC1065LP4E
Description  Satellite Communications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1065LP4E Datasheet(HTML) 1 Page - Analog Devices

  HMC1065LP4E Datasheet HTML 1Page - Analog Devices HMC1065LP4E Datasheet HTML 2Page - Analog Devices HMC1065LP4E Datasheet HTML 3Page - Analog Devices HMC1065LP4E Datasheet HTML 4Page - Analog Devices HMC1065LP4E Datasheet HTML 5Page - Analog Devices HMC1065LP4E Datasheet HTML 6Page - Analog Devices HMC1065LP4E Datasheet HTML 7Page - Analog Devices HMC1065LP4E Datasheet HTML 8Page - Analog Devices HMC1065LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
1
HMC1065LP4E
v03.0915
GaAs MMIC I/Q DOWNCONVERTER
27 - 34 GHz
General Description
Features
Typical Applications
The Hmc1065LP4e is a compact GaAs mmic image
reject Low Noise converter in a leadless roHs
compliant smT package. This device provides a small
signal conversion gain of 13 dB with 17 dBc of image
rejection and 2 dBm of input iP3. The Hmc1065LP4e
utilizes an rF LNA followed by an i/q mixer which is
driven by an active x2 multiplier. iF1 and iF2 mixer
outputs are provided and an external 90° hybrid is
needed to select the required sideband. The i/q mixer
topology reduces the need for filtering of the unwanted
sideband. The Hmc1065LP4e is a much smaller
alternative to hybrid style image reject downconverter
assemblies and it eliminates the need for wire bonding
by allowing the use of surface mount manufacturing
techniques.
Electrical Specifications,
T
A = +25°C, IF = 2000 MHz, LO = +2 dBm, VDLO1 = VDLO2 = 3 V, VDD1 = VDD2 = 3 V, USB
[1]
Parameter
min.
Typ.
max.
Units
rF Frequency range
27
34
GHz
LO Frequency range
11.5
19
GHz
iF Frequency range
Dc
4
GHz
LO Drive range
-4
+4
dBm
conversion Gain
9
12
dB
Noise Figure
3
dB
image rejection
12
17
dBc
input Power for 1 dB compression (P1dB)
-9
dBm
input Third-Order intercept (iiP3)
-2
dBm
Output Third-Order intercept (OiP3)
14
dBm
2x LO / rF isolation
35
45
dB
2x LO / iF isolation
20
dB
Amplitude Balance [2]
-1
dB
Phase Balance [2]
7
deg
supply current (iDLO) [3]
150
mA
supply current (iDD)
90
mA
[1] All measurements performed with upper sideband selected and external 90
° hybrid at the iF ports, unless otherwise noted.
[2] Data taken without external 90° hybrid, iF = 1000 mHz.
[3] Adjust vGLO1 and vGLO2 between -2 v and 0 v to achieve total quiescent current (iDLO1 + iDLO2) = 150 mA.
Functional Diagram
The Hmc1065LP4e is ideal for:
• Point-to-Point and Point-to-multi-Point radios
• satellite communications
• sensors
conversion Gain: 13 dB
image rejection: 17 dBc
input Third-Order intercept (iP3): -2 dBm
LO Drive range: -4 dBm to +4 dBm
24 Lead 4 mm x 4 mm smT Package
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D


Similar Part No. - HMC1065LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
Satellite Communications
More results

Similar Description - HMC1065LP4E

ManufacturerPart #DatasheetDescription
logo
Z-Communications, Inc
PSA4176C-LF ZCOMM-PSA4176C-LF Datasheet
85Kb / 2P
Satellite Communications
PSN0930A-LF ZCOMM-PSN0930A-LF Datasheet
74Kb / 2P
Satellite Communications
PSN1810A-LF ZCOMM-PSN1810A-LF Datasheet
57Kb / 2P
Satellite Communications
logo
Hittite Microwave Corpo...
HMC1056LP4BE HITTITE-HMC1056LP4BE Datasheet
973Kb / 16P
Satellite Communications
HMC1063LP3E HITTITE-HMC1063LP3E Datasheet
791Kb / 14P
Satellite Communications
HMC1065LP4E HITTITE-HMC1065LP4E Datasheet
949Kb / 14P
Satellite Communications
logo
Micross Components
HMC570 MICROSS-HMC570 Datasheet
974Kb / 11P
Satellite Communications
HMC571 MICROSS-HMC571 Datasheet
909Kb / 11P
Satellite Communications
HMC572 MICROSS-HMC572 Datasheet
909Kb / 11P
Satellite Communications
logo
Analog Devices
ADL5724 AD-ADL5724 Datasheet
431Kb / 13P
Satellite communications
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com