Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC1065LP4E Datasheet(PDF) 3 Page - Analog Devices

Part # HMC1065LP4E
Description  Satellite Communications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1065LP4E Datasheet(HTML) 3 Page - Analog Devices

  HMC1065LP4E Datasheet HTML 1Page - Analog Devices HMC1065LP4E Datasheet HTML 2Page - Analog Devices HMC1065LP4E Datasheet HTML 3Page - Analog Devices HMC1065LP4E Datasheet HTML 4Page - Analog Devices HMC1065LP4E Datasheet HTML 5Page - Analog Devices HMC1065LP4E Datasheet HTML 6Page - Analog Devices HMC1065LP4E Datasheet HTML 7Page - Analog Devices HMC1065LP4E Datasheet HTML 8Page - Analog Devices HMC1065LP4E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
3
HMC1065LP4E
v03.0915
GaAs MMIC I/Q DOWNCONVERTER
27 - 34 GHz
Input P1dB vs. Temperature, USB
Input IP3 vs. Temperature, USB
Input IP3 vs. LO Drive, USB
Output IP3 vs. Temperature, USB
Data Taken as SSB Downconverter with External IF 90° Hybrid, IF = 2000 MHz
LO Isolation [1]
2x LO Isolation [1]
-70
-60
-50
-40
-30
-20
-10
0
13
14
15
16
17
LO/RF
LO/IF1
LO/IF2
LO FREQUENCY (GHz)
-70
-60
-50
-40
-30
-20
-10
0
13
14
15
16
17
2LO/RF
2LO/IF1
2LO/IF2
LO FREQUENCY (GHz)
-16
-14
-12
-10
-8
-6
-4
-2
0
27
28
29
30
31
32
33
34
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
27
28
29
30
31
32
33
34
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
-15
-10
-5
0
5
10
15
27
28
29
30
31
32
33
34
-6 dBm
-4 dBm
-2 dBm
0 dBm
+2 dBm
+4 dBm
+6 dBm
+8 dBm
RF FREQUENCY (GHz)
0
5
10
15
20
25
27
28
29
30
31
32
33
34
+25 C
+85 C
-40 C
RF FREQUENCY (GHz)
[1] Data taken without external iF 90
° hybrid
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com