Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT80C196 Datasheet(PDF) 38 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 38 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 34Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 35Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 36Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 37Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 38Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 39Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 40Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 41Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 42Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
38
1.26 Reserved Opcode EEH
The industry standard 80C196KD using the MCS-96 ISA
declares the opcode EEH as a reserved opcode and does not
guarantee the generation of the Unimplemented Opcode Inter-
rupt. The UT80CRH196KD, on the other hand, generates the
Unimplemented Opcode Interrupt when the EEH opcode is
executed.
1.27 Byte-Wide Reads of the HSI_Time SFR
In order to ensure that the next HSI event is loaded from the
FIFO into the HSI holding register, the HSI_TIME special
function register must be read as a 16-bit word. Byte-wide
reads of the HSI_TIME register will not result in successful
loading of the HSI holding register.
1.28 BMOV and BMOVI Maximum Count Limitation
The BMOV and BMOVI instructions provide a powerful
method to transferring a large block of data from one location
in memory to another. The syntax for the BMOV and BMOVI
instructions are as follows:
BMOV
SRC_DEST_REG, CNTREG
BMOVI
SRC_DEST_REG, CNTREG
The SRC_DEST_REG is a long register that contains both
addresses for the source and destination blocks. The CNTREG
is a 16-bit register specifying the number of transfers being
performed. Unlike the industry standard 80C196KD which
will accept any 16-bit counter value, the UT80C196KD will
only accept a value in the range of 0000H to 3FFFH.
1.29 BREQ Activation Prior to HLDA
The BREQ signal is used by the UT80C196KD to signal a
DMA arbiter that it would like to recover access to the mem-
ory bus. The UT80C196KD, on the other hand, uses the
HLDA signal to provide confirmation to the DMA arbiter that
the UT80C196KD has relinquished control of the memory
bus. If the wait state control signal (READY) is high when the
UT80C196KD decides it will release the bus based on the
assertion of the HOLD signal, it will drive the BREQ low one
CLKOUT cycle ahead of its assertion of the HLDA. Con-
versely, if the READY signal is low when the UT80C196KD
decides to relinquish the bus, it will assert BREQ coincidently
with HLDA or some CLKOUT cycle later. The latter behavior
is compatible with the industry standard 80C196KD function-
ality, but the former is unique to the UT80C196KD.
1.30 HOLD Must Be Synchronized with CLKOUT
The DMA arbiter must synchronize the HOLD signal with the
CLKOUT on the UT80C196KD. The timing diagram in Fig-
ure 8 eludes to the synchronicity of the HOLD signal, but does
not clearly identify the outcome if the HOLD signal does not
satisfy the timing parameter tHVCH. If the HOLD setup time is
violated on the industry standard 80C196KD, it will require
one additional CLKOUT cycle before it recognizes the state
change of HOLD. Violating the HOLD setup time on the
UT80C196KD will result in a metastable condition and the
UT80C196KD’s reaction is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com