Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UT80C196 Datasheet(PDF) 23 Page - Aeroflex Circuit Technology

Part # UT80C196
Description  UT80C196KD Microcontroller
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT80C196 Datasheet(HTML) 23 Page - Aeroflex Circuit Technology

Back Button UT80C196 Datasheet HTML 19Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 20Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 21Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 22Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 23Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 24Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 25Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 26Page - Aeroflex Circuit Technology UT80C196 Datasheet HTML 27Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
23
2.0 ABSOLUTE MAXIMUM RATINGS 1
(Referenced to VSS)
Notes:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the
device at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
2. These ratings are provided as design guidelines. They are not guaranteed by test or characterization.
3. Test per MIL-STD-883, Method 1012.
SYMBOL
PARAMETER
LIMITS
UNITS
VDD
DC Supply Voltage
-0.3 to 6.0
V
VI/O
2
Voltage on Any Pin
-0.3 to V
DD+0.3V
V
TSTG
Storage Temperature
-65 to +150
°C
T
J
Maximum Junction Temperature
175
°C
Θ
JC
Thermal Resistance, Junction-to-Case 3
16
°C/W
I
I
2
DC Input Current
±10
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com