Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZOPT2202AC9R Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ZOPT2202AC9R
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202AC9R Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ZOPT2202AC9R Datasheet HTML 6Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 7Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 8Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 9Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 10Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 11Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 12Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 13Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
10
September 21, 2016
Figure 2.5 UVAS Spectral Response vs. AOI
Figure 2.6 UVBS Spectral Response vs. AOI
Figure 2.7 UVAS Field of View (375nm LED)
Figure 2.8 UVAS Field of View (Polar) (375nm LED)
Figure 2.9 UVBS Field of View (310nm LED)
Figure 2.10 UVBS Field of View (Polar) (310nm LED)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
300
325
350
375
400
425
450
wavelength (nm)
UVA -60deg
UVA -50deg
UVA -40deg
UVA -30deg
UVA -20deg
UVA -10deg
UVA 0deg
UVA 10deg
UVA 20deg
UVA 30deg
UVA 40deg
UVA 50deg
UVA 60deg
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
250
275
300
325
350
375
400
wavelength (nm)
UVB -60deg
UVB -50deg
UVB -40deg
UVB -30deg
UVB -20deg
UVB -10deg
UVB 0deg
UVB 10deg
UVB 20deg
UVB 30deg
UVB 40deg
UVB 50deg
UVB 60deg
0
0.25
0.5
0.75
1
-90
-75
-60
-45
-30
-15
0
15
30
45
60
75
90
Angle / deg
cosine
UVA (h)
UVA (v)
0
0.25
0.5
0.75
1
cosine
UVA (h)
UVA (v)
0
0.25
0.5
0.75
1
-90
-75
-60
-45
-30
-15
0
15
30
45
60
75
90
Angle / deg
cosine
UVB (h)
UVB (v)
0
0.25
0.5
0.75
1
cosine
UVB (h)
UVB (v)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com