Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZOPT2202AC9R Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ZOPT2202AC9R
Description  Digital UVA / UVB Energy Sensor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZOPT2202AC9R Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ZOPT2202AC9R Datasheet HTML 7Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 8Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 9Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 10Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 11Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 12Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 13Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 14Page - Integrated Device Technology ZOPT2202AC9R Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
ZOPT2202 Datasheet
© 2016 Integrated Device Technology, Inc
11
September 21, 2016
Figure 2.11 Conversion Repeat Noise
Figure 2.12 Active Current vs. Supply Voltage
Figure 2.13 Normalized Active Current vs.
Temperature
Figure 2.14 Standby Current vs. Temperature
99
100
101
102
103
0
100
200
300
400
500
600
700
800
900
1000
repeat cycle #
VDD = 1.7V
VDD = 1.8V
VDD = 2.7V
VDD = 3.6V
0
20
40
60
80
100
120
140
160
1.7 1.8 1.9
2
2.1 2.2 2.3 2.4 2.5 2.6 2.7 2.8 2.9
3
3.1 3.2 3.3 3.4 3.5 3.6
Supply voltage [V]
UVA
UVB
UVA+UVB
0.8
0.85
0.9
0.95
1
1.05
1.1
1.15
1.2
-40
-20
0
20
40
60
80
100
Temperature [°C]
UVA
UVB
UVA+UVB
0
0.2
0.4
0.6
0.8
1
1.2
-40
-25
-10
5
20
35
50
65
80
Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com