Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBL Datasheet(PDF) 1 Page - Recom International Power

Part # RBL
Description  1kVDC and 2kVDC Isolation Option
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBL Datasheet(HTML) 1 Page - Recom International Power

  RBL Datasheet HTML 1Page - Recom International Power RBL Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RBL/E
Selection Guide
0.25 Watt SIP7
Isolated
Single Output
Derating-Graph
(Ambient Temperature)
● 1 : 1 Input Range
● 0.25W SIP7 Package
● Efficiency up to 82%
● 1kVDC and 2kVDC Isolation Option
● Operating Temperature from -40°C to +100°C
Features
Unregulated
Converter
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
typ.
Capacitive
SMD
(VDC)
(VDC)
(mA)
(%)
Load(1)**
RBL-3.305S/E*
3.3
5
50
80
1000µF
RBL-0505S/E*
5
5
50
82
1000µF
RBL-1205S/E*
12
5
50
78
1000µF
Other input and output voltage combinations available on request
*add Suffix „H“ for 2 kVDC Isolation, e.g. RBL-3.305/EH
Refer to Application Notes
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
The RBL/E series DC/DC converter has been designed to offer exceptionally high efficiency,
low quiescent current and an extended operating temperature range. Uses include battery
powered supplies, high efficiency designs or high temperature applications.
Description
Input Voltage Range
±10% max.
Voltage set accuracy
100% Load/nominal Vin
-2% typ. / ±5% max.
Line Regulation
1.2% typ. / 1% of Vin typ.
Load Regulation
(10% to 100% Load)
4% typ. / 10% max.
Ripple & Noise @ 20MHz BW
35mVp-p typ. / 50mVp-p max.
Efficiency
100% Load
70% min.
Operating Temperature
-40°C to + 100°C
Storage Temperature
-55°C to +125°C
Isolation Voltage
(tested for 1 second)
1000VDC
(rated for a minute**)
500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
2000VDC
H-Suffix
(rated for a minute**)
1000VAC / 60Hz
Isolation Capacitance
75pF max.
Isolation Resistance
10 G
Ω min.
Humidity
95% RH
Operating Frequency
Vin (nom.)
20kHz min. / 70 kHz max.
Quiescent Current (0% Load)
3.3VDC
11.2mA typ.
5VDC
6mA typ.
12VDC
4.2mA typ.
Short-Circuit Protection
1 Second
Weight
2.2 g
Packing Quantity
25pcs per tube
MTBF
Using MIL-HDBK 217F (+100°C)
1352 x 10³ hours
Using MIL-HDBK 217F (+25°C)
4494 x 10³ hours
Detailed Information see Application Notes chapter „MTBF“
100
60
20
40
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
100
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature and based on our practical experience only. For further details, please refer
to our Application Notes.
Notes
Note1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1second without
damage to the converter
.
REV: 0/2015
www.recom-power.com
E-14


Similar Part No. - RBL

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RBL-0505S RECOM-RBL-0505S Datasheet
92Kb / 2P
1:1 Input Range
RBL-0505S/E RECOM-RBL-0505S/E Datasheet
92Kb / 2P
0.25 Watt SIP7 Isolated Single Output
RBL-1205S RECOM-RBL-1205S Datasheet
92Kb / 2P
1:1 Input Range
RBL-1205S/E RECOM-RBL-1205S/E Datasheet
92Kb / 2P
0.25 Watt SIP7 Isolated Single Output
logo
Raltron Electronics Cor...
RBL-1608-A3-TR RALTRON-RBL-1608-A3-TR Datasheet
295Kb / 3P
BALUN
More results

Similar Description - RBL

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RS3-XX3.3S RECOM-RS3-XX3.3S_13 Datasheet
167Kb / 3P
2.1 and 3.1 Wide Input Voltage Ranges 1kVDC,2kVDC and 3kVDC Isolation
logo
List of Unclassifed Man...
R1Z-0505 ETC2-R1Z-0505 Datasheet
88Kb / 2P
1kVDC 2kVDC Isolation
logo
XP Power Limited
JCE03 XPPOWER-JCE03 Datasheet
328Kb / 3P
1500 VDC Isolation, 3000 VDC Option
logo
Recom International Pow...
R0.25E RECOM-R0.25E Datasheet
105Kb / 2P
1kVDC and 2kVDC Isolation Option
REC7.5 RECOM-REC7.5 Datasheet
124Kb / 3P
1KVDC, 2KVDC and 3kVDC Isolation Options
logo
Toppower Electronic Tec...
TPE1-1W TOPPOWER-TPE1-1W Datasheet
447Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
TPE2 TOPPOWER-TPE2 Datasheet
362Kb / 3P
1W 1KVDC and 2KVDC Isolated Single Output DC/DC Converters
logo
Recom International Pow...
REC10M RECOM-REC10M Datasheet
105Kb / 2P
2kVDC and 3kVDC Isolation Options
REC15-SD RECOM-REC15-SD Datasheet
467Kb / 6P
2kVDC And 3kVDC Isolation Options
logo
Wall Industries,Inc.
LANER WALL-LANER Datasheet
156Kb / 3P
Single Output 1KVDC I/O Isolation 1 Watt DC/DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com