Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RBL Datasheet(PDF) 2 Page - Recom International Power

Part # RBL
Description  1kVDC and 2kVDC Isolation Option
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RBL Datasheet(HTML) 2 Page - Recom International Power

  RBL Datasheet HTML 1Page - Recom International Power RBL Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Package Style and Pinning (mm)
UNIT: mm
TOL.: ± 0.25 mm
Pin Connections
Pin #
Function
1
+Vin
2
-Vin
4NC
5
-Vout
6
+Vout
NC= No Connection
ECONOLINE
DC/DC-Converter
RBL/E
Series
Typical Characteristics
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
-10
-5
0
5
10
15
20
25
Deviation/Load
Load %
3.305
0505
1205
0% 10% 20% 30% 40% 50% 60% 70% 80% 90% 100%
0
10
20
30
40
50
60
70
Efficiency/Load
Load %
3.305
0505
1205
80
90
100
1.27
0.25
12.70
2.0
10.20
0.51 typ.
4.10
0.51 typ.
RECOM
RBL-0505S/E
1131
2.54
1.00ø+0.15/–0
2.54
19.60
Top View
Bottom View
Marking
Recommended Footprint
6.00
+10%
+5%
VNOM
+5%
-2%
-5%
10%
50%
100%
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
E-15
www.recom-power.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com