Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC7.5 Datasheet(PDF) 2 Page - Recom International Power

Part # REC7.5
Description  1KVDC, 2KVDC and 3kVDC Isolation Options
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC7.5 Datasheet(HTML) 2 Page - Recom International Power

  REC7.5 Datasheet HTML 1Page - Recom International Power REC7.5 Datasheet HTML 2Page - Recom International Power REC7.5 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
REC7.5-S_DRW/H*/A/M
Series
ECONOLINE
DC/DC-Converter
Typical Characteristics
Input Voltage Range
2:1
Output Voltage Accuracy
±2% max.
Line Voltage Regulation
0.4% max.
Load Voltage Regulation (25% to 100% full load )
0.8% max.
Minimum Load
10% (2)
Output Ripple and Noise (at 20MHz BW)
3.3V output type
100mVp-p max.
5, 9, 12 and 15V output types
50mVp-p max.
Operating Frequency (Full Load)
150kHz min. / 240kHz max.
Input Filter
PI Network
Efficiency at Full Load
see Selection Guide
No Load Power Consumption
300mW max.
Isolation Voltage
H1-Suffix
(tested for 1 second)
1000VDC
(rated for 1 minute**)
500VAC / 60Hz
H2-Suffix
(tested for 1 second)
2000VDC
(rated for 1 minute**)
1000VAC / 60Hz
H3-Suffix
(tested for 1 second)
3000VDC
(rated for 1 minute**)
1500VAC / 60Hz
Isolation Capacitance
50pFtyp.
Isolation Resistance
1 G
Ω min.
Short Circuit Protection (Max temp. = 50°C during short circuit conditions)
Continuous, Auto Restart
Operating Temperature Range (free air convection)
-40°C to +71°C (see Graph)
Storage Temperature Range
-55°C to +125°C
Relative Humidity
95% RH
Case Material
Nickel Plated Metal with Non-Conductive Base
Thermal Impedance
Natural convection
12°C/W
Package Weight
16g
Packing Quantity
15 pcs per Tube
MTBF (+25°C)
using MIL-HDBK 217F
800 x 103hours
(+71°C)
using MIL-HDBK 217F
>200 x 103hours
Certifications
UL General Safety
Report: E358085
UL 60950-1 1st Ed.
C22.2 No. 60950-1-03
EN General Safety
Report: SPCLVD1212007
EN60950-1:2006 +A12:2011
EN Medical Safety
Report: MDD1205098-3 + RM1205098-3
IEC/EN 60601-1 3rd Edition; Medical Report + ISO14971 Risk Assessment
Detailed Information see
Application Notes chapter "MTBF"
}
100
25
50
160
140
50
0
% of Rated Load
0
75
120
100
180
200
Overload Response
Notes
Note 1:
Maximum capacitive load is defined as the capacitive load that will allow start up in under 1 second without damage to the converter.
Note 2:
The REC 7.5 series requires a minimum of 10% load on the output to maintain specified regulation. Operating under no-load conditions
will not damage these devices; however, they may not meet all listed specifications.
REV: 0/2015
www.recom-power.com
E-158



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com