Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REC7.5 Datasheet(PDF) 3 Page - Recom International Power

Part # REC7.5
Description  1KVDC, 2KVDC and 3kVDC Isolation Options
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC7.5 Datasheet(HTML) 3 Page - Recom International Power

  REC7.5 Datasheet HTML 1Page - Recom International Power REC7.5 Datasheet HTML 2Page - Recom International Power REC7.5 Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REC7.5-S_DRW/H*/A/M
Series
ECONOLINE
DC/DC-Converter
Package Style and Pinning (mm)
Bottom View
Top View
11
9
3
2
14
16
22
23
(1)
15.24
2.54
1.00ø+0.15/–0
0.51
32.00
10.50
20.30
3.8+0.5 /-0.25
4.60
2.54
Recommended Footprint Details
24 PIN DIP Package
24 PIN SMD Package
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections DIP24
Pin #
Single
Dual
1
CTRL/No Pin CTRL/No Pin
2
–Vin
–Vin
3
–Vin
–Vin
9
NC
Com
11
NC
–Vout
14
+Vout
+Vout
16
– Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
19.90
9 10 11 12
24 23 22
16 15 14 13
21 20
1
3
25
4
1
31.40
25.40
10.90
Bottom View
11 x 2.54
Pin area
0.1 x 0.50
0.50
32.00
11.20
2.54
24.64
27.94
26.67
1.54
2.03
Top View
20.30
3.81
6.35
2.54
23.40
Recommended Footprint Details
Recommended Footprint Details
Recommended Footprint Details
/H3/A/M/SMD combination is not allowed
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections DIP24 SMD
Pin #
Single
Dual
1
CTRL/NC
CTRL/NC
2
–Vin
–Vin
3
–Vin
–Vin
9
NC
Com
11
NC
–Vout
14
+Vout
+Vout
16
– Vout
Com
22
+Vin
+Vin
23
+Vin
+Vin
1,4,5,10,12
NC
13,15,20,21,24
NC
NC = No Connection
CTRL Option
Vin+
0V
22,23
2,3
1
CTRL
TTL Input
1kW
RECx-xxxx/CTRL
1N4148
On
Off
Fuse
ON = Open or 0V< Vctrl <1.2V
OFF = 2.2V< Vctrl <12V
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit
written consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
REV: 0/2015
E-159
www.recom-power.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com