Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9713LGEFL/V Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 111 page
background image
Preliminary Technical Data
WM9713L
1
PTD, March 2004, Rev 2.2
7
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
Wolfson tests its package types according to IPC/JEDEC J-STD-020B for Moisture Sensitivity to determine acceptable storage
conditions prior to surface mount assembly. These levels are:
MSL1 = unlimited floor life at <30
°C / 85% Relative Humidity. Not normally stored in moisture barrier bag.
MSL2 = out of bag storage for 1 year at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
MSL3 = out of bag storage for 168 hours at <30
°C / 60% Relative Humidity. Supplied in moisture barrier bag.
The Moisture Sensitivity Level for each package type is specified in Ordering Information.
CONDITION
MIN
MAX
Digital supply voltages (DCVDD, DBVDD)
-0.3V
+3.63V
Analogue supply voltages (AVDD, HPVDD, TPVDD)
-0.3V
+3.63V
Speaker supply voltage (SPKVDD)
-0.3V
+4.2V
Touchpanel supply voltage (TPVDD)
AVDD +0.3V
Voltage range digital inputs
DGND -0.3V
DBVDD +0.3V
Voltage range analogue inputs
AGND -0.3V
AVDD +0.3V
Voltage range touchpanel Inputs X+, X-, Y+ and Y-
TPVDD +0.3V
Voltage range touchpanel Inputs X+, X-, Y+ and Y-
AVDD +0.3V
Operating temperature range, TA
-25
oC
+85
oC
Storage temperature (TQFP package only)
-65
oC
+150
oC
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital input/output buffer supply
range
DBVDD
1.62
(target)
3.3
3.6
V
Digital core supply range
DCVDD
1.62
(target)
1.8
3.6
V
Analogue supply range
AVDD, HPVDD,
TPVDD
1.8
3.3
3.6
V
Speaker supply range
SPKVDD
1.8
3.3
4.2
V
Digital ground
DGND1, DGND2
0
V
Analogue ground
AGND, HPGND,
SPKGND, TPGND
0
V
Difference AGND to DGND
Note 1
-0.3
0
+0.3
V
Note:
1. AGND is normally the same as DGND1/DGND2
2. DCVDD <= DBVDD and DCVDD <= AVDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com