Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM9713LGEFL/V Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM9713LGEFL/V
Description  AC 97 AUDIO TOUCHPANEL CODEC
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9713LGEFL/V Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM9713LGEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 20Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 21Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9713LGEFL/V Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 111 page
background image
WM9713L
Preliminary Technical Data
1
PTD, March 2004, Rev 2.2
22
Powerdown for the PLL and internal clocks is via registers 26h and 3Ch (see Table 6).
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
26h
13
PR5
1 (Off)
Internal clock disable (active high)
3Ch
9
PLL
1 (Off)
PLL powerdown (active high)
N.B. both PR5 and PLL must be asserted low before PLL is enabled
Table 6 PLL Powerdown Control
DATA AND CONTROL INTERFACE
The WM9713L has two interfaces, a data and control AC’97 interface and a data only PCM interface.
The AC’97 interface is available through dedicated pins (SDATAOUT, SDATAIN, SYNC, BITCLK and
RESETB) and is the sole control interface with access to all data streams on the device except for
the Voice DAC. The PCM interface is available through the GPIO pins (PCMCLK, PCMFS, PCMDAC
and PCMADC) and provides access to the Voice DAC. It can also transmit the data from the Stereo
ADC. This can be useful, for example, to allow both sides of a phone conversation to be recorded by
mixing the transmit and receive paths on one of the ADC channels and transmitting it over the PCM
interface.
AC97 INTERFACE
INTERFACE PROTOCOL
The WM9713Lhas a single AC’97 interface for both data transfer and control. The AC-Link uses 5
wires:
•
SDATAIN (pin 8) carries data from the WM9713L to the controller
•
SDATAOUT (pin 5) carries data from the controller to the WM9713L
•
BITCLK (pin 6) is a clock, derived from either MCLKA or MCLKB inputs and
supplied to the controller.
•
SYNC is a synchronization signal generated by the controller and passed to the
WM9713L
•
RESETB resets the WM9713L to its default state
Figure 4 AC-Link Interface (typical case with BITCLK generated by the AC97 codec)
The SDATAIN and SDATAOUT signals each carry 13 time-division multiplexed data streams (slots 0
to 12). A complete sequence of slots 0 to 12 is referred to as an AC-Link frame, and contains a total
of 256 bits. The frame rate is 48kHz. This makes it possible to simultaneously transmit and receive
multiple data streams (e.g. audio, touchpanel, AUXDAC, control) at sample rates up to 48kHz.
Detailed information can be found in the AC’97 (Revision 2.2) specification, which can be obtained at
www.intel.com/labs/media/audio/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com