Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD5.121 Datasheet(PDF) 10 Page - PULS GmbH

Part # CD5.121
Description  DC/DC Converter 12V, 8A
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.121 Datasheet(HTML) 10 Page - PULS GmbH

Back Button CD5.121 Datasheet HTML 6Page - PULS GmbH CD5.121 Datasheet HTML 7Page - PULS GmbH CD5.121 Datasheet HTML 8Page - PULS GmbH CD5.121 Datasheet HTML 9Page - PULS GmbH CD5.121 Datasheet HTML 10Page - PULS GmbH CD5.121 Datasheet HTML 11Page - PULS GmbH CD5.121 Datasheet HTML 12Page - PULS GmbH CD5.121 Datasheet HTML 13Page - PULS GmbH CD5.121 Datasheet HTML 14Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
CD5.121
CD-Series
DC/DC Converter 12V, 8A
10. TERMINALS AND WIRING
Input
Output
Type
screw terminals
screw terminals
Solid wire
max. 6mm2
max. 6mm2
Stranded wire
max. 4mm2
max. 4mm2
American Wire Gauge
20-10 AWG
20-10 AWG
Wire stripping length
7mm / 0.275inch
7mm / 0.275inch
Screwdriver
3.5mm slotted or
Pozidrive No 2
3.5mm slotted or
Pozidrive No 2
Recommended tightening torque
1Nm, 9lb.in
1Nm, 9lb.in
Instructions:
a) The external circuitry of all terminals must meet the safety requirements stipulated by IEC/EN/UL 60950-1: SELV.
b) Use appropriate copper cables that are designed for an operating temperature of:
60°C for ambient up to 45°C and
75°C for ambient up to 60°C minimum.
c) Follow national installation codes and installation regulations!
d) Ensure that all strands of a stranded wire enter the terminal connection!
e) Do not load the terminals with more than 25A! See section 21.9
f) Screws of unused terminal compartments should be securely tightened.
g) Ferrules are allowed.
h) Do not connect or disconnect the wires from the terminals below -25°C (-13°F).
11. RELIABILITY
Input 24Vdc
Lifetime expectancy *)
173 000h
at 12V, 4A and 40°C
63 000h
at 12V, 8A and 40°C
35 000h
at 12V, 9.6A and 40°C
179 000h
at 12V, 8A and 25°C
MTBF **) SN 29500, IEC 61709
1 161 000h
at 12V, 8A and 40°C
1 904 000h
at 12V, 8A and 25°C
MTBF **) MIL HDBK 217F
610 000h
at 12V, 8A and 40°C; Ground Benign GB40
817 000h
at 12V, 8A and 25°C; Ground Benign GB25
*)
The Lifetime expectancy shown in the table indicates the minimum operating hours (service life) and is determined by the lifetime
expectancy of the built-in electrolytic capacitors. Lifetime expectancy is specified in operational hours and is calculated according to the
capacitor’s manufacturer specification. The prediction model allows only a calculation of up to 15 years from date of shipment.
**) MTBF stands for Mean Time Between Failure, which is calculated according to statistical device failures, and indicates reliability of a
device. It is the statistical representation of the likelihood of a unit to fail and does not necessarily represent the life of a product.
The MTBF figure is a statistical representation of the likelihood of a device to fail. A MTBF figure of e.g. 1 000 000h means that
statistically one unit will fail every 100 hours if 10 000 units are installed in the field. However, it can not be determined if the failed unit
has been running for 50 000h or only for 100h.
Mar. 2016 / Rev. 1.5 DS-CD5.121-EN
All parameters are specified at 12V, 8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
10/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com