Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD5.121 Datasheet(PDF) 14 Page - PULS GmbH

Part # CD5.121
Description  DC/DC Converter 12V, 8A
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.121 Datasheet(HTML) 14 Page - PULS GmbH

Back Button CD5.121 Datasheet HTML 10Page - PULS GmbH CD5.121 Datasheet HTML 11Page - PULS GmbH CD5.121 Datasheet HTML 12Page - PULS GmbH CD5.121 Datasheet HTML 13Page - PULS GmbH CD5.121 Datasheet HTML 14Page - PULS GmbH CD5.121 Datasheet HTML 15Page - PULS GmbH CD5.121 Datasheet HTML 16Page - PULS GmbH CD5.121 Datasheet HTML 17Page - PULS GmbH CD5.121 Datasheet HTML 18Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
CD5.121
CD-Series
DC/DC Converter 12V, 8A
16. DIELECTRIC STRENGTH
The output voltage is floating and has no ohmic connection to the ground.
Type and factory tests are conducted by the manufacturer. Field tests may be conducted in the field using the
appropriate test equipment which applies the voltage with a slow ramp (2s up and 2s down). Connect all phase-
terminals together as well as all output poles before conducting the test. When testing, set the cut-off current settings
to the value in the table below.
Fig. 16-1 Dielectric strength
A
B
C
Type test
60s
1500Vac
1500Vac
500Vac
Factory test
5s
1500Vac
1500Vac
500Vac
Field test
5s
1000Vac
1000Vac
500Vac
Cut-off current setting
> 30mA
> 30mA
> 12mA
A
C
B
+
Input
Chassis
ground
Output
-
+
-
To fulfill the PELV requirements according to EN60204-1 § 6.4.1, we
recommend that either the + pole, the – pole or any other part of
the output circuit shall be connected to the protective earth
system. This helps to avoid situations in which a load starts
unexpectedly or can not be switched off when unnoticed earth
faults occur.
Mar. 2016 / Rev. 1.5 DS-CD5.121-EN
All parameters are specified at 12V, 8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
14/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com