Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM504 Datasheet(PDF) 41 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 41 Page - Texas Instruments

Back Button DM504 Datasheet HTML 37Page - Texas Instruments DM504 Datasheet HTML 38Page - Texas Instruments DM504 Datasheet HTML 39Page - Texas Instruments DM504 Datasheet HTML 40Page - Texas Instruments DM504 Datasheet HTML 41Page - Texas Instruments DM504 Datasheet HTML 42Page - Texas Instruments DM504 Datasheet HTML 43Page - Texas Instruments DM504 Datasheet HTML 44Page - Texas Instruments DM504 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 211 page
background image
41
DM504
www.ti.com
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2017, Texas Instruments Incorporated
4.3.11 UART
NOTE
For more information see the Serial Communication Interface UART section of the device
TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are only valid if signals within a single IOSET are used. The
IOSETs are defined in Table 5-39.
Table 4-12. UART Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Asynchronous Receiver/Transmitter (UART1)
uart1_ctsn
UART1 clear to send active low
I
C5
uart1_rtsn
UART1 request to send active low
O
D7
uart1_rxd
UART1 Receive Data
I
B4
uart1_txd
UART1 Transmit Data
O
D6
Universal Asynchronous Receiver/Transmitter (UART2)
uart2_ctsn
UART2 clear to send active low
I
C6
uart2_rtsn
UART2 request to send active low
O
C9
uart2_rxd
UART2 Receive Data
I
E6
uart2_txd
UART2 Transmit Data
O
C8
Universal Asynchronous Receiver/Transmitter (UART3)
uart3_ctsn
UART3 clear to send active low
I
M3, R3
uart3_rtsn
UART3 request to send active low
O
L2, N1
uart3_rxd
UART3 Receive Data
I
C5, M2, P2, T2
uart3_txd
UART3 Transmit Data
O
D7, L3, N3, T3
4.3.12 McSPI
NOTE
For more information, see the Serial Communication Interface / Multichannel Serial
Peripheral Interface (McSPI) section of the device TRM.
CAUTION
The IO timings provided in Section 5.9, Timing Requirements and Switching
Characteristics are applicable for all combinations of signals for SPI2, SPI3 and
SPI4. However, the timings are only valid for SPI1 if signals within a single
IOSET are used. The IOSETS are defined in the Table 5-42.
Table 4-13. SPI Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Serial Peripheral Interface 1
spi1_sclk
SPI1 Clock
IO
P2
spi1_d0
SPI1 Data. Can be configured as either MISO or MOSI.
IO
N1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com