Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM504 Datasheet(PDF) 12 Page - Texas Instruments

Part # DM504
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
PDF  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM504 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DM504 Datasheet HTML 8Page - Texas Instruments DM504 Datasheet HTML 9Page - Texas Instruments DM504 Datasheet HTML 10Page - Texas Instruments DM504 Datasheet HTML 11Page - Texas Instruments DM504 Datasheet HTML 12Page - Texas Instruments DM504 Datasheet HTML 13Page - Texas Instruments DM504 Datasheet HTML 14Page - Texas Instruments DM504 Datasheet HTML 15Page - Texas Instruments DM504 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 211 page
background image
Copyright © 2016–2017, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
12
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Table 4-1. Pin Attributes(1)
BALL NUMBER
BOTTOM [1]
BALL NUMBER
TOP [2]
BALL NAME [3]
SIGNAL NAME [4]
MUXMODE
[5]
TYPE [6]
BALL
RESET
STATE [7]
BALL
RESET
REL.
STATE [8]
BALL
RESET
REL.
MUXMODE
[9]
I/O
VOLTAGE
VALUE
[10]
POWER
[11]
HYS [12]
BUFFER
TYPE [13]
PULL
UP/DOWN
TYPE [14]
DSIS [15]
AC6
ddr1_ca0
ddr1_ca0
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB6
ddr1_ca1
ddr1_ca1
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AC7
ddr1_ca2
ddr1_ca2
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB8
ddr1_ca3
ddr1_ca3
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB9
ddr1_ca4
ddr1_ca4
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
W1
ddr1_ca5
ddr1_ca5
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
V2
ddr1_ca6
ddr1_ca6
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
U1
ddr1_ca7
ddr1_ca7
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
T2
ddr1_ca8
ddr1_ca8
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
T1
ddr1_ca9
ddr1_ca9
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
Y2
ddr1_ck
ddr1_ck
0
O
PD
drive clk
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AC3
ddr1_cke0
ddr1_cke0
0
O
PD
drive 0
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AB3
ddr1_csn0
ddr1_csn0
0
O
PD
drive 1
(OFF)
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
AA23
ddr1_d0
ddr1_d0
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
Y22
ddr1_d1
ddr1_d1
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
W22
ddr1_d2
ddr1_d2
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
W23
ddr1_d3
ddr1_d3
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
V23
ddr1_d4
ddr1_d4
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
U22
ddr1_d5
ddr1_d5
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
T22
ddr1_d6
ddr1_d6
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
T23
ddr1_d7
ddr1_d7
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy
H22
ddr1_d8
ddr1_d8
0
IO
PD
PD
1.2
vdds_ddr
NA
LVCMOS
DDR
PUx/PDy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com