Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-ISA193V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA193V1
Description  15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA193V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA193V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA193V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
August 2016
DocID029594 Rev 1
1/6
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA193V1
15 W, 5 V - 3 A output CC primary sensing USB adapter based
on STCH02
Data brief
Features
Universal AC Main Input voltage range : 90
VAC to 264 VAC
Output range: 5 V - 3 A continuous operation
Constant voltage (CV) and constant current
(CC) operation with CC primary sensing
Input power in standby < 10 mW at 230 VAC
Average efficiency: > 81.84%, complies with
EuCoC rev. 5
– Tier 2 and EPS of DOE USA
EMI: According to EN55022-Class-B
Small form factor: (44 x 35 x 15 mm)
RoHS compliant
Description
The STEVAL-ISA193V1 evaluation board
implements a 15 W USB adapter with primary
sensing CC feature, based on the STCH02
current mode controller designed for offline
quasi-resonant flyback converters, capable of
providing constant output current (CC) regulation
using primary-sensing feedback.
The IC embeds a 650 V, non-dissipative, HV
startup cell, which, along with the extremely low
quiescent current and burst-mode management,
helps minimize residual input consumption, thus
achieving less than 10 mW under no-load
conditions.
The adapter is designed to meet the most
stringent energy saving recommendations
(EuCoC rev. 5
– Tier 2 and EPS of DOE USA) as
well as EN55022-Class-B Conducted noise
emissions.
The extremely small form factor and the output
USB connector makes this reference design
suitable for small USB chargers and adapters for
mobile phones, tablets and other hand held
equipment.


Similar Part No. - STEVAL-ISA193V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA193V2 STMICROELECTRONICS-STEVAL-ISA193V2 Datasheet
4Mb / 6P
15 W, 5 V - 3 A output CC primary sensing USB adapter based on STCH02
12-Nov-2018
More results

Similar Description - STEVAL-ISA193V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
Demonstration board on 7 W single output based on the VIPer17
05-Jun-2008
EVLHVLED815W15 STMICROELECTRONICS-EVLHVLED815W15 Datasheet
461Kb / 7P
15 W high power factor LED driver based on HVLED815PF
27-Aug-2013
STEVAL-ISA122V1 STMICROELECTRONICS-STEVAL-ISA122V1 Datasheet
248Kb / 5P
Wide input-range, single-output 5 V / 11 W power supply demonstration board based on the VIPer27
11-Feb-2013
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-SMACH15V1 STMICROELECTRONICS-STEVAL-SMACH15V1 Datasheet
235Kb / 5P
15 W 5 V output USB adapter evaluation board with STCH03 CC-mode primary sensing switching controller
Rev 1 - June 2018
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
STEVAL-USBPD45C STMICROELECTRONICS-STEVAL-USBPD45C Datasheet
4Mb / 9P
45 W USB Type-C™ Power Delivery adapter reference design based on STCH03, STM32F051 and STUSB1602A
February 2019
EVL400W-80PL STMICROELECTRONICS-EVL400W-80PL Datasheet
2Mb / 9P
12 V - 400 W adapter based on L4985A, L6699 and SRK2001
05-Jul-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com