Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8365 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8365
Description  Micropower Undervoltage Sensing Circuits with Programmable Output Delay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8365 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM8365 Datasheet HTML 1Page - National Semiconductor (TI) LM8365 Datasheet HTML 2Page - National Semiconductor (TI) LM8365 Datasheet HTML 3Page - National Semiconductor (TI) LM8365 Datasheet HTML 4Page - National Semiconductor (TI) LM8365 Datasheet HTML 5Page - National Semiconductor (TI) LM8365 Datasheet HTML 6Page - National Semiconductor (TI) LM8365 Datasheet HTML 7Page - National Semiconductor (TI) LM8365 Datasheet HTML 8Page - National Semiconductor (TI) LM8365 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
−0.3V to 6.5V
RESET Output Voltage
−0.3V to 6.5V
RESET Output Current
70mA
Storage Temperature Range
−65˚C to 150˚C
Mounting Temperature
Lead Temp. (Soldering 10 sec)
260˚C
Junction Temperature
125˚C
Operating Ratings (Note 1)
Temperature Range
−40˚C to 85˚C
Thermal Resistance to Ambient (
θ
JA)
265˚C/W
ESD Tolerance
Human Body Model
2000V
Machine Model
200V
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
A = 25˚C.
Symbol
Parameter
Conditions
Min
(Note 3)
Typ
(Note 2)
Max
(Note 3)
Units
V
DET−
Detector Threshold Voltage
High to Low State Output
(V
IN Decreasing)
V
22 Suffix
2.145
2.2
2.255
27 Suffix
2.633
2.7
2.767
30 Suffix
2.925
3.0
3.075
45 Suffix
4.388
4.5
4.613
V
HYS
Detector Threshold Hysteresis
V
IN Increasing
V
22 Suffix
0.066
0.110
0.154
27 Suffix
0.081
0.135
0.189
30 Suffix
0.090
0.150
0.210
45 Suffix
0.135
0.225
0.315
∆Vdet/∆T Detector Threshold Voltage
Temperature Coefficient
±100
PPM/˚C
V
OH
V
OL
RESET Output Voltage
(CMOS Output: I
SOURCE = 1mA)
(Open Drain or CMOS Output:
I
SINK = 1mA)
V
IN-2.1
V
IN-1.0
0.25
V
IN
0.5
V
I
OL
RESET Output Sink Current
V
IN = 1.5V, VOL = 0.5V
1.0
2.5
mA
I
OH
RESET Output Source Current
V
IN = 4.5V, VOL = 2.4V
1.0
7.0
mA
I
CD
Delay Pin Output Sink Current
V
IN = 1.5V, VCD = 0.5V
0.2
1.8
mA
R
D
Delay Resistance
0.5
1.0
2.0
M
Ω
V
IN
Operating Input Voltage Range
1.0
6.0
V
I
IN
Quiescent Input Current
22 Suffix
µA
V
IN = 2.10V
0.57
0.8
V
IN = 4.20V
0.71
1.3
27 Suffix
V
IN = 2.60V
0.62
0.9
V
IN = 4.70V
0.75
1.3
30 Suffix
V
IN = 2.87V
0.65
0.9
V
IN = 5.00V
0.77
1.3
45 Suffix
V
IN = 4.34V
0.70
1.0
V
IN = 6.00V
0.85
1.4
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Typical values represent the most likely parametric norm.
Note 3: All limits are guaranteed by testing or statistical analysis.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com