Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM8365 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM8365
Description  Micropower Undervoltage Sensing Circuits with Programmable Output Delay
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM8365 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM8365 Datasheet HTML 1Page - National Semiconductor (TI) LM8365 Datasheet HTML 2Page - National Semiconductor (TI) LM8365 Datasheet HTML 3Page - National Semiconductor (TI) LM8365 Datasheet HTML 4Page - National Semiconductor (TI) LM8365 Datasheet HTML 5Page - National Semiconductor (TI) LM8365 Datasheet HTML 6Page - National Semiconductor (TI) LM8365 Datasheet HTML 7Page - National Semiconductor (TI) LM8365 Datasheet HTML 8Page - National Semiconductor (TI) LM8365 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LM8365
Micropower Undervoltage Sensing Circuits with
Programmable Output Delay
General Description
The LM8365 series are micropower undervoltage sensing
circuits that are ideal for use in battery powered micropro-
cessor based systems, where extended battery life is a key
requirement.
A range of threshold voltages from 2.0V to 4.5V are available
with an active low, open drain or CMOS, output. These
devices feature a very low quiescent current of 0.65µA typi-
cal. The LM8365 series features a highly accurate voltage
reference, a comparator with precise thresholds and built-in
hysterisis to prevent erratic reset operation, a time delayed
output which can be programmed by the system designer,
and guaranteed Reset operation down to 1.0V with ex-
tremely low standby current.
These devices are available in the space saving 5-Pin
SOT23 surface mount package. For additional undervoltage
thresholds and output options, please contact National
Semiconductor.
Features
n
Extremely Low Quiescent Current: 0.65µA, at V
IN =
2.87V
n
High Accuracy Threshold Voltage (±2.5%)
n
Complementary or Open Drain Output
n
Programmable output delay by external Capacitor
(100ms typ with 0.1µF)
n
Input Voltage Range: 1V to 6V
n
Surface Mount Package (5-Pin SOT23)
n
Pin for pin compatible with MC33465
Applications
n
Low Battery Detection
n
Microprocessor Reset Controller
n
Power Fail Indicator
n
Battery Backup Detection
Functional Diagrams
CMOS Output
Open Drain Output
20066013
20066014
Connection Diagram
5-Pin SOT23
20066012
Top View
March 2003
© 2003 National Semiconductor Corporation
DS200660
www.national.com


Similar Part No. - LM8365

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
LM8365 TI2-LM8365 Datasheet
812Kb / 24P
LM8365 Micropower Undervoltage-Sensing Circuit With Programmable Output Delay
REVISED DECEMBER 2015
LM8365BALMF27 TI1-LM8365BALMF27 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
LM8365BALMF27/NOPB TI1-LM8365BALMF27/NOPB Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
LM8365BALMF27/NOPB TI2-LM8365BALMF27/NOPB Datasheet
812Kb / 24P
LM8365 Micropower Undervoltage-Sensing Circuit With Programmable Output Delay
REVISED DECEMBER 2015
More results

Similar Description - LM8365

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM8364 NSC-LM8364 Datasheet
199Kb / 8P
Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC33464 ONSEMI-MC33464 Datasheet
127Kb / 8P
MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
Rev 2, 07/1999
MC33465 ONSEMI-MC33465 Datasheet
131Kb / 8P
Micropower Undervoltage Sensing Circuits with Programmable Ouput Delay
October, 1999 ??Rev. 3
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
MC34164 ONSEMI-MC34164 Datasheet
139Kb / 14P
MICROPOWER UNDERVOLTAGE SENSING CIRCUITS
August, 2005 ??Rev. 16
MC34164 ONSEMI-MC34164_09 Datasheet
242Kb / 12P
Micropower Undervoltage Sensing Circuits
April, 2009 ??Rev. 18
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
LM8364 TI1-LM8364 Datasheet
797Kb / 14P
Micropower Undervoltage Sensing Circuits
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
MC34164 ONSEMI-MC34164_16 Datasheet
148Kb / 12P
Micropower Undervoltage Sensing Circuits
October, 2016 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com