Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM837 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM837
Description  Low Noise Quad Operational Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM837 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM837 Datasheet HTML 1Page - National Semiconductor (TI) LM837 Datasheet HTML 2Page - National Semiconductor (TI) LM837 Datasheet HTML 3Page - National Semiconductor (TI) LM837 Datasheet HTML 4Page - National Semiconductor (TI) LM837 Datasheet HTML 5Page - National Semiconductor (TI) LM837 Datasheet HTML 6Page - National Semiconductor (TI) LM837 Datasheet HTML 7Page - National Semiconductor (TI) LM837 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LM837
Low Noise Quad Operational Amplifier
General Description
The LM837 is a quad operational amplifier designed for low
noise, high speed and wide bandwidth performance. It has a
new type of output stage which can drive a 600
Ω load, mak-
ing it ideal for almost all digital audio, graphic equalizer,
preamplifiers, and professional audio applications. Its high
performance characteristics also make it suitable for instru-
mentation applications where low noise is the key consider-
ation.
The LM837 is internally compensated for unity gain opera-
tion. It is pin compatible with most other standard quad op
amps and can therefore be used to upgrade existing sys-
tems with little or no change.
Features
n High slew rate
10 V/µs (typ); 8 V/µs (min)
n Wide gain bandwidth product
25 MHz (typ); 15 MHz
(min)
n Power bandwidth
200 kHz (typ)
n High output current
±40 mA
n Excellent output drive performance
>600
Ω
n Low input noise voltage
4.5 nV/
n Low total harmonic distortion
0.0015%
n Low offset voltage
0.3 mV
Schematic and Connection Diagrams
DS009047-1
Dual-In-Line Package
DS009047-2
Top View
Order Number LM837M
or LM837N
See NS Package Number
M14A or N14A
May 1999
© 1999 National Semiconductor Corporation
DS009047
www.national.com


Similar Part No. - LM837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM837 TI2-LM837 Datasheet
831Kb / 17P
LM837 Low Noise Quad Operational Amplifier
REVISED MARCH 2013
LM837M TI1-LM837M Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
LM837M/NOPB TI1-LM837M/NOPB Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
LM837MX TI1-LM837MX Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
LM837MX/NOPB TI1-LM837MX/NOPB Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
More results

Similar Description - LM837

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-470 AD-OP-470 Datasheet
587Kb / 15P
VERY LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP470 AD-OP470 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
10/02-Data Sheet changed from REV. A to REV. B.
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_08 Datasheet
142Kb / 12P
Low noise quad operational amplifier
13-Mar-2008
TL074 STMICROELECTRONICS-TL074_08 Datasheet
307Kb / 15P
Low noise JFET quad operational amplifier
07-Jul-2008
logo
Analog Devices
OP470GPZ AD-OP470GPZ Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
5962R8856501VCA AD-5962R8856501VCA Datasheet
248Kb / 5P
Very low noise, quad, operational amplifier
REV. B
logo
Texas Instruments
LM837MX TI1-LM837MX Datasheet
1Mb / 16P
LM837 Low Noise Quad Operational Amplifier
logo
Analog Devices
OP470 AD-OP470_15 Datasheet
3Mb / 16P
Very Low Noise Quad Operational Amplifier
REV. B
logo
STMicroelectronics
TL074 STMICROELECTRONICS-TL074_V01 Datasheet
1Mb / 18P
Low-noise JFET quad operational amplifier
22-Nov-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com