Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM87CIMT Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM87CIMT
Description  Serial Interface System Hardware Monitor with Remote Diode Temperature Sensing
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM87CIMT Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM87CIMT Datasheet HTML 4Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 5Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 6Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 7Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 8Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 9Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 10Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 11Page - National Semiconductor (TI) LM87CIMT Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Test Circuit
Typical Performance Characteristics
DAC Power Supply Sensitivity
10099536
Functional Description
1.0 GENERAL DESCRIPTION
The LM87 provides 7 analog inputs, an internal junction type
temperature sensor, two remote junction temperature sens-
ing channels, a Delta-Sigma ADC (Analog-to-Digital Con-
verter), a DAC output, 2 fan speed counters, WATCHDOG
registers, and a variety of inputs and outputs on a single
chip. A two wire SMBus Serial Bus interface is included. The
LM87 performs power supply, temperature, fan control and
fan monitoring for personal computers.
The analog inputs are useful for monitoring several power
supplies present in a typical computer. The LM87 includes
internal resistor dividers that scale external Vccp1, Vccp2,
+2.5V, +5.0 V, +12 V and internal +3.3V power supply volt-
ages to a 3/4 scale nominal ADC output. Two additional
inputs, +AIN1 and +AIN2 (2.5V full scale) are input directly
with no resistive dividers. The LM87 ADC continuously con-
verts the scaled inputs to 8-bit digital words. Measurement of
negative voltages (such as -5 V and -12 V power supplies)
can be accommodated with an external resistor divider ap-
plied to the +AIN1 or +AIN2 inputs. Internal and external
temperature is converted to 8-bit two’s-complement digital
words witha1˚C LSB.
Fan inputs measure the period of tachometer pulses from
the fans, providing a higher count for lower fan speeds. The
fan inputs are Schmitt-Trigger digital inputs with an accept-
able range of0VtoV
+ and a transition level of approxi-
mately V
+/2. Full scale fan counts are 255 (8-bit counter) and
this represents a stopped or very slow fan. Nominal speeds,
based on a count of 153, are programmable from 1100 to
10099506
FIGURE 3. Digital Output Load Test Circuitry
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com