Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML95.100 Datasheet(PDF) 2 Page - PULS GmbH

Part # ML95.100
Description  DC 24-28V / 95W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML95.100 Datasheet(HTML) 2 Page - PULS GmbH

  ML95.100 Datasheet HTML 1Page - PULS GmbH ML95.100 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input
Input voltage
AC 100-120/220-240V (Auto Select), 47...63 Hz
(AC 85...132V / AC 184...264V,
DC 220...375V N= + and L= - )
Input current
<2.0 A (@ AC 100Vin, 95 W Pout)
<0.95 A (@ AC 220Vin, 95 W Pout)
External fusing
not required, unit provides internal fuse
(T3A15H, not accessible)
Transient immunity
Transient resistance acc. to VDE 0160 / W2
(750V/ 1.3 ms), over entire load range
Hold-up time
(see diagram below)
>40 ms @ AC 230V, 24.5V / 3.9 A
>20 ms @ AC 196V, 24.5V / 3.9 A
>20 ms @ AC 100V, 24.5V / 3.9 A
Efficiency, Reliability
Efficiency
Losses
typ. 90%
(AC 230 V, 24.5 V / 3.9 A)
(see also diagram below)
typ. 10.5 W (AC 230V, 24.5 V / 3.9 A)
MTBF (Reliability)
appr. 500.000 h acc. to Siemensnorm SN 29500
(24.5 V / 4.2 A, AC 230 V, Tamb = +40 °C)
Prior to shipment, every unit undergoes the following tests in order to
isolate any defective units which might suffer an early failure:
• Run-in / burn-in (Full load, Tamb = +60°C, on/off cycle)
• Functional test (100 %)
Construction, Mechanics, Installation
Robust plastic housing (US Patent No. D442, 923S), fine ventilation grid
on three housing sides to keep out small parts (e.g. screws), IP20
Dimensions and weight
• W x H x D
Depth incl. terminals:
•Weight
73 mm x 75 mm x 103 mm + DIN rail
(2.87in x 2.95in x 4.06in + DIN rail)
98 mm (3,85in) + DIN rail
360 g
Mounting orientation
,
or
(cf. ’Output’)
Ventilation/Cooling
• Free space f. cooling
Normal convection, no fan required
recom'd.: 25 mm (1in) on sides with ventilation
grid
Easy snap-on mounting onto the DIN-rail (TS35/7,5 or TS35/15).
Unit sits safely and firmly on the rail; no tools required even to remove
Connection
by Spring Clamp terminals; uniformly firm hold,
vibration-resistant and maintenance-free:
2 terminals per output
Connector size range
• flexible cable
• solid cable
• Wire strip length
0.3-2.5mm2 (28-12 AWG)
0.3-4mm2 (28-12 AWG)
Ferrules admissible
6mm (0.24in) recommended
Diagrams
0
5
10
15
20
25
30
01
2
3
4
56
24-28V
Output current Iout [A]
0
20
40
60
80
100
120
140
160
80
120
160
200
240
280
Input voltage VACin [V]
Pout=100W, typ.
Pout=100W, min.
Pout=50W, typ.
Pout=50W, min.
83
84
85
86
87
88
89
90
91
11,4
1,8 2,2
2,633,4
3,8 4,2
Output current Iout [A]
115 V ACin
230 V ACin
Output characteristic Vout/Iout
Efficiency
Hold-up time with ACin
(@ Vout = 24.5V, typ.)
(at Vout = 24.5V, typ. + min.)
Derating
of output power
0
10
20
30
40
50
60
70
80
90
100
-10
0
10
20
30
40
50
60
70
Mounting
85-132 V ACin A-a A-b A-b
185-264 V ACin A-a A-b A-b
220-375 V DCin A-a A-b A-b
A
a
b
Tamb [°C]
95W, min.
95W, typ.
Output
Output voltage
• preset
DC 24-28V (adj. by front panel potentiometer)
24.5V ± 0.5% @ 3.9 A
Voltage regulation
stat. <1% Vout
dyn. ±1.5% Vout over all
Ripple/Noise
<50mVPP (20 MHz bandw., 50 Ω measurem.)
Overvoltage prot. (OVP) <36V
Output noise
suppression
EMI values below EN 61000-6-3, even when using
long (>2m), unscreened output cables
Rated continuous
loading
up to 3.9 A @ 24.5 V / 3.2 A @ 28 V (convection
cooling), depending on built-in orientation,
Vin and Tamb
For details see derating diagram below
Overload behaviour
PULS Overload Design™: No switch-off at
overload/short-circuit, instead: up to 1.4
⋅ Irated.
So you need no oversizing to start awkward
loads.
Protection
Unit is protected against (also permanent) short-
circuit, overload and open-circuit.
Derating
depending on built-in orientation;
see diagram below
Parallel operation
possible, no active load sharing
Power back immunity
35V
Operating indicator
Green LED
Environmental Data, EMC, Safety
Ambient temperature range (measured 25 mm below unit)
• storage/transport
• operation
-25°C ... +85°C
-10°C ... +70°C (for derating see diagram below)
Humidity
max. 95% (without condensation)
Electromagnetic
emissions (EME)
EN 61000-6-3 (includes EN 61000-6-4)
Class B (EN 55011, EN 55022) incl. output noise
suppression
EN 61000-3-2 (PFC)
Electromagnetic
immunity (EMI)
EN 61000-6-2 (includes EN 61000-6-1)
Safe low voltage:
Prot. class/degree:
SELV (EN 60950, VDE0100/T.410), PELV (EN 50178)
Class 1 (EN 60950) / IP20 (EN 60529)
The PSU complies with all major safety approvals for EU (EN 60 950,
EN 60204-1, EN 50178), USA (UL 60950, E137006, UL508 LISTED, E198865),
Canada (CAN/CSA-C22.2 No 60950 [CUR], CAN/CSA-C22.2 No. 14 [CUL]),
Limited Power Source NEC Class 2 and Hazardous Location Class I Div. 2
according to UL1604.
Design details – for your advantage:
• All terminals are easy to reach as mounted on the front panel.
• Input and output are strictly apart from each other (input below, out-
put above) and so cannot be mixed up.
• Mounting and connection do not require any screwdriver
→ Easy, quick, durable and reliable installation.
Technical Data ML95.100
Product information (ML95.100), Rev.: 29. June 2004. Unless otherwise stated, specifications are valid for AC 230V input voltage, +25°C ambient temperature, and 5 min. run-in time. They
are subject to change without prior notice.
PULS GmbH, Arabellastraße 15, D-81925 München
Tel: +49.(0)89.9278-244, Fax: +49.(0)89.9278-299, E-Mail: sales@puls-power.com
www.puls-power.com
Spri
ng C
lam
ps



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com