Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ML95.100 Datasheet(PDF) 1 Page - PULS GmbH

Part # ML95.100
Description  DC 24-28V / 95W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML95.100 Datasheet(HTML) 1 Page - PULS GmbH

  ML95.100 Datasheet HTML 1Page - PULS GmbH ML95.100 Datasheet HTML 2Page - PULS GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini is more.
PULS GmbH, Arabellastrasse 15, 81925 Munich
Tel. +49.(0)89.9278-244, Fax: +49.(0)89.9278-299
sales@puls-power.com, http://www.puls-power.com
PULS does it again:
practical, versatile and reliable like
the SilverLine – yet small like
no other.
MiniLine ML95.100
• Adjustable output voltage
up to DC 24-28V
• PULS Overload Design™
(high output overload capability)
• 115/230V Auto Select Input
• Limited Power Source, NEC class 2 and
Hazardous Location Class I Div. 2
• Mounted and connected
in record time, no tools required
• World-wide approvals (UL, EN, CSA) for
industry and office/home
• Tiny: WxHxD = 73 x 75 x 103mm
with DC 24-28V / 95W
ML95e100/040629
Data Sheet


Similar Part No. - ML95.100

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
ML9-54-G-8736 PF-ML9-54-G-8736 Datasheet
876Kb / 5P
Retroreflective sensor
logo
PULS GmbH
ML90.200 PULS-ML90.200 Datasheet
120Kb / 2P
24V 3.75A, TWO-PHASE INPUT
logo
OKI electronic componet...
ML9040 OKI-ML9040 Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-AXX OKI-ML9040-AXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
ML9040-BXX OKI-ML9040-BXX Datasheet
434Kb / 47P
DOT MATRIX LCD CONTROLLER WITH 16-DOT COMMON DRIVER AND 40-DOT SEGMENT DRIVER
More results

Similar Description - ML95.100

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX618 MAXIM-MAX618 Datasheet
204Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 0; 6/99
MAX618 MAXIM-MAX618_09 Datasheet
191Kb / 14P
28V, PWM, Step-Up DC-DC Converter
Rev 1; 12/09
logo
Delta Electronics, Inc.
FHS-A9025S19 DELTA-FHS-A9025S19 Datasheet
168Kb / 2P
Intel LGA1156 Nehalem(45nm 95W)
logo
Phihong USA Inc.
POE576U-4MP-N-R PHIHONG-POE576U-4MP-N-R Datasheet
69Kb / 3P
4-Port 95W per Port Midspan
logo
Global Mixed-mode Techn...
G5755 GMT-G5755 Datasheet
84Kb / 1P
3A, 1.5MHz, 28V Step-down DC/DC
logo
PULS GmbH
ML100.100 PULS-ML100.100 Datasheet
212Kb / 2P
DC 24-28V / 100W
ML70.100 PULS-ML70.100 Datasheet
962Kb / 2P
DC 24-28V / 72W
YR20.246 PULS-YR20.246 Datasheet
561Kb / 19P
24-28V, 20A, DUAL REDUNDANCY MODULE
logo
First Silicon Co., Ltd
FAC1583 FS-FAC1583 Datasheet
414Kb / 11P
3A 380KHZ 28V PWM Buck DC/DC Converter
logo
SG Micro Corp
SGM61232 SGMICRO-SGM61232 Datasheet
951Kb / 19P
28V, 3A, Buck DC/DC Converter
JANUARY2023-REV.A.3
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com