Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM441 Datasheet(PDF) 7 Page - Laird Tech Smart Technology

Part # BTM441
Description  modules from Laird Technologies have been designed to meet the needs of developers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM441 Datasheet(HTML) 7 Page - Laird Tech Smart Technology

Back Button BTM441 Datasheet HTML 3Page - Laird Tech Smart Technology BTM441 Datasheet HTML 4Page - Laird Tech Smart Technology BTM441 Datasheet HTML 5Page - Laird Tech Smart Technology BTM441 Datasheet HTML 6Page - Laird Tech Smart Technology BTM441 Datasheet HTML 7Page - Laird Tech Smart Technology BTM441 Datasheet HTML 8Page - Laird Tech Smart Technology BTM441 Datasheet HTML 9Page - Laird Tech Smart Technology BTM441 Datasheet HTML 10Page - Laird Tech Smart Technology BTM441 Datasheet HTML 11Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
BTM44x
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
7
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Signal
Description
Voltage Specification
35
Unused
See note 3
36
Unused
See note 3
37
Unused
See note 3
38
Unused
39
Unused
40
Unused
41
GND
42
GPIO1 / UART_RI
I/O for host
VIO
43
GPIO7 / UART_DTR
I/O for host
VIO
44
GPIO8 / UART_DSR
I/O for host
VIO
45
GND
46
D-
Not used for AT module variants
VUSB
47
D+
Not used for AT module variants
VUSB
48
GPIO6
I/O for host- RF_Active
VIO
49
GPIO5
I/O for host – WLAN_Active
VIO
50
GPIO3
I/O for host – BT_Priority
VIO
Notes:
Unused pins may have internal connections and must not be connected.
Reset input is active low. Input is pulled up to VDD_IN via 22k. Minimum reset pulse width is 5ms.
Pins 25-37 should be left not connected on modules with integrated antenna (BTM441/3)
Pins 8 – 11 (SPI related) are only for Laird internal production purposes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com