Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTM441 Datasheet(PDF) 8 Page - Laird Tech Smart Technology

Part # BTM441
Description  modules from Laird Technologies have been designed to meet the needs of developers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

BTM441 Datasheet(HTML) 8 Page - Laird Tech Smart Technology

Back Button BTM441 Datasheet HTML 4Page - Laird Tech Smart Technology BTM441 Datasheet HTML 5Page - Laird Tech Smart Technology BTM441 Datasheet HTML 6Page - Laird Tech Smart Technology BTM441 Datasheet HTML 7Page - Laird Tech Smart Technology BTM441 Datasheet HTML 8Page - Laird Tech Smart Technology BTM441 Datasheet HTML 9Page - Laird Tech Smart Technology BTM441 Datasheet HTML 10Page - Laird Tech Smart Technology BTM441 Datasheet HTML 11Page - Laird Tech Smart Technology BTM441 Datasheet HTML 12Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
BTM44x
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
8
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Physical Specifications
Table 2: Physical Specifications
Categories
Feature
Implementation
Physical
Dimensions
12.5mm x 18.0 x 3.4mm (BTM440 / 442)
12.5mm x 24.0mm x 3.4mm (BTM441/3)
12.5mm x 22.0 x 3.4mm (BTM441 / 443)
Weight
3 grams
Environmental
Operating Temperature
-40°C to +85°C
Storage Temperature
-40°C to +85°C
Miscellaneous
Lead free
Lead-free and RoHS compliant
Electrical Specifications
Table 3: Electrical Specifications
Categories
Feature
Implementation
Wireless Specification
Bluetooth®
Version 2.1+EDR
Transmit Class
Class 2
Frequency
2.402 – 2.480 GHz
Channels
79 channels Frequency Hopping
Adaptive Frequency Hopping
Max Transmit Power
+4 dBm at antenna pad (BTM440/2)
+4 dBmi from integrated antenna (BTM441/3)
Min Transmit Power
-27 dBm at antenna pad (BTM440/2)
-27 dBmi from integrated antenna (BTM441/3)
Receive Sensitivity
-84 dBm
Range
30 m
Data Transfer Rate
Up to 350 kbps
Operational Specifications
Table 4: Operational Specifiations
Recommended Operating Conditions
MIN
MAX
VDD_USB (USB compatibility not required)
1.7
3.6
VDD_USB (USB compatibility required)
3.1
3.6
VDD_IO
1.7
3.3
VDD_IN
3.0
3.3
Voltage Parameters
Table 5: Voltage Parameters (VUSB)
Logic Levels (VUSB)
MIN
TYP
MAX
INPUT VOLTAGE LEVELS
Vih
0.7VDD_USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com