Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD40NBT Datasheet(PDF) 21 Page - Laird Tech Smart Technology

Part # SSD40NBT
Description  Regulatory operational requirements are included with this document
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD40NBT Datasheet(HTML) 21 Page - Laird Tech Smart Technology

Back Button SSD40NBT Datasheet HTML 17Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 18Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 19Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 20Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 21Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 22Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 23Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 24Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 25Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
SSD40NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
21
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
6 PIN DEFINITIONS
WLAN
Bluetooth
WLAN/Bluetooth
Table 9: Pin Definitions
Pin #
Pin Name
I/O
Voltage
Reference
Description
1
GND
-
Ground
2
GND
-
Ground
3
GND
-
Ground
4
GND
-
Ground
5
ANT_2
I/O
Antenna 2 (Auxiliary)
50 ohm coplanar wave guide
to antenna or antenna connector.
IMPORTANT:
BT functions on the Auxiliary (AUX) port and not on the
Main port. For Wi-Fi and BT single-antenna
implementations, the AUX port must be used.
6
GND
-
Ground
7
GND
-
Ground
8
GND
-
Ground
9
GND
-
Ground
10
ANT_1
I/O
Antenna 1 (Main)
50 ohm coplanar wave guide
to antenna or antenna connector.
IMPORTANT:
BT functions on the AUX port and not on the Main port.
For Wi-Fi and BT single-antenna implementations, the
AUX port must be used.
11
GND
-
Ground
12
GND
-
Ground
13
GND
-
Ground
14
GND
-
Ground
15
GND
-
Ground
16
GND
-
Ground
17
GND
-
Ground
18
GND
-
Ground
19
BT_PCM_OUT
O
VDDIO
PCM data output
20
BT_WAKE_B
I
VDDIO
Bluetooth device wake-up: Signal from the host to the
SDC-SSD40NBT indicating that the host requires
attention.
Asserted: Bluetooth device must wake-up or remain
awake
Deasserted: Bluetooth device may sleep when sleep
criteria are met



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com