Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD40NBT Datasheet(PDF) 9 Page - Laird Tech Smart Technology

Part # SSD40NBT
Description  Regulatory operational requirements are included with this document
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSTD [Laird Tech Smart Technology]
Direct Link  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

SSD40NBT Datasheet(HTML) 9 Page - Laird Tech Smart Technology

Back Button SSD40NBT Datasheet HTML 5Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 6Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 7Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 8Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 9Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 10Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 11Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 12Page - Laird Tech Smart Technology SSD40NBT Datasheet HTML 13Page - Laird Tech Smart Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
SSD40NBT
Datasheet
Embedded Wireless Solutions Support Center:
http://ews-support.lairdtech.com
www.lairdtech.com/wireless
9
© Copyright 2015 Laird. All Rights Reserved
Americas: +1-800-492-2320
Europe: +44-1628-858-940
Hong Kong: +852 2923 0610
Mounting
See the “Mounting” section for more information.
Wi-Fi Media
Direct Sequence-Spread Spectrum (DSSS)
Complementary Code Keying (CCK)
Orthogonal Frequency Divisional Multiplexing (OFDM)
Bluetooth Media
Frequency Hopping Spread Spectrum (FSSS)
Wi-Fi Media Access Protocol
Carrier sense multiple access with collision avoidance (CSMA/CA)
Network Architecture Types
Infrastructure and ad hoc
Wi-Fi Standards
IEEE 802.11a, 802.11b, 802.11d, 802.11e, 802.11g, 802.11h,
802.11i, 802.11n
Bluetooth Standards
Bluetooth version 2.1 with Enhanced Data Rate
Wi-Fi Data Rates Supported
802.11a (OFDM) 6, 9, 12, 18, 24, 36, 48, 54 Mbps
802.11b (DSSS, CCK) 1, 2, 5.5, 11 Mbps
802.11g (OFDM) 6, 9, 12, 18, 24, 36, 48, 54 Mbps
802.11n (OFDM, MCS 0-7) 6.5, 7.2, 13.0, 14.4, 19.5, 21.7, 26.0,
28.9, 39.0, 43.3, 52.0, 57.8, 58.5, 65.0, 72.2 Mbps
Modulation
BPSK @ 1, 6, 6.5, 7.2 and 9 Mbps
QPSK @ 2, 12, 13, 14.4,18, 19.5 and 21.7 Mbps
CCK @ 5.5 and 11 Mbps
16-QAM @ 24, 26, 28.9, 36, 39 and 43.3 Mbps
64-QAM @ 48, 52, 54, 57.8, 58.5, 65, and 72.2 Mbps
802.11n Spatial Streams
1 (Single Input, Single Output)
Bluetooth Data Rates
Supported
1, 2, 3 Mbps
Bluetooth Modulation
GFSK@ 1 Mbps
Pi/4-DQPSK@ 2 Mbps
8-DPSK@ 3 Mbps
Regulatory Domain Support
FCC (Americas, Parts of Asia, and Middle East)
ETSI (Europe, Middle East, Africa, and Parts of Asia)
MIC (Japan) (formerly TELEC)
KC (Korea) (formerly KCC)
2.4 GHz Frequency Bands
ETSI
2.4 GHz to 2.483 GHz
FCC
2.4 GHz to 2.473 GHz
MIC
2.4 GHz to 2.495 GHz
KCC
2.4 GHz to 2.483 GHz
2.4 GHz Operating Channels
ETSI: 13 (3 non-overlapping)
FCC: 11 (3 non-overlapping)
MIC 14 (4 non-overlapping)
KCC: 13 (3 non-overlapping)
5 GHz Frequency Bands
ETSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com