Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950908 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS950908
Description  Programmable Timing Control Hub??for P4?
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950908 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS950908 Datasheet HTML 1Page - Integrated Circuit Systems ICS950908 Datasheet HTML 2Page - Integrated Circuit Systems ICS950908 Datasheet HTML 3Page - Integrated Circuit Systems ICS950908 Datasheet HTML 4Page - Integrated Circuit Systems ICS950908 Datasheet HTML 5Page - Integrated Circuit Systems ICS950908 Datasheet HTML 6Page - Integrated Circuit Systems ICS950908 Datasheet HTML 7Page - Integrated Circuit Systems ICS950908 Datasheet HTML 8Page - Integrated Circuit Systems ICS950908 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
4
Integrated
Circuit
Systems, Inc.
ICS950908
Preliminary Product Preview
0653A—07/26/04
Pin Description Continued
PIN
PIN
PIN
#
NAME
TYPE
29
DDRC5/SDRAM11
OUT
"Complimentary" Clock of differential memory output / 3.3V SDRAM clock output
30
DDRT5/SDRAM10
OUT
"True" Clock of differential memory output / 3.3V SDRAM clock output
31
DDRC4/SDRAM9
OUT
"Complimentary" Clock of differential memory output / 3.3V SDRAM clock output
32
DDRT4/SDRAM8
OUT
"True" Clock of differential memory output / 3.3V SDRAM clock output
33
GND
PWR
Ground pin.
34
VDD3.3_2.5
PWR
2.5V or 3.3V nominal power supply voltage.
35
DDRC3/SDRAM7
OUT
"Complimentary" Clock of differential memory output / 3.3V SDRAM clock output
36
DDRT3/SDRAM6
OUT
"True" Clock of differential memory output / 3.3V SDRAM clock output
37
DDRC2/SDRAM5
OUT
"Complimentary" Clock of differential memory output / 3.3V SDRAM clock output
38
DDRT2/SDRAM4
OUT
"True" Clock of differential memory output / 3.3V SDRAM clock output
39
GND
PWR
Ground pin.
40
VDD3.3_2.5
PWR
2.5V or 3.3V nominal power supply voltage.
41
DDRC1/SDRAM3
OUT
"Complimentary" Clock of differential memory output / 3.3V SDRAM clock output
42
DDRT1/SDRAM2
OUT
"True" Clock of differential memory output / 3.3V SDRAM clock output
43
DDRC0/SDRAM1
OUT
"Complimentary" Clock of differential memory output / 3.3V SDRAM clock output
44
DDRT0/SDRAM0
OUT
"True" Clock of differential memory output / 3.3V SDRAM clock output
45
BUF_IN
IN
Input Buffers for memory outputs.
46
FBOUT
OUT
Memory feed back output.
47
GND
PWR
Ground pin.
48
CPUT1_CS
OUT
True clock of differential pair 2.5V push-pull CPU outputs.
49
CPUT0_CS
OUT
True clock of differential pair 2.5V push-pull CPU outputs.
50
VDDCPU2.5
PWR
Power pin for the CPUCLKs. 2.5V
51
VDDCPU3.3
PWR
Power pin for the CPUCLKs. 3.3V
52
CPUCLKC/CPUCLKODC
OUT
"Complementary" clocks of differential pair CPU outputs. These are current mode
outputs. External resistors are required for voltage bias / "Complementary" clocks of
differential pair CPU outputs. These open drain outputs need an external 1.5V pull-up /
2.5V CPU clock output.
53
CPUCLKT/CPUCLKODT
OUT
"True" clocks of differential pair CPU outputs. These are current mode outputs.
External resistors are required for voltage bias / "True" clocks of differential pair CPU
outputs. These open drain outputs need an external 1.5V pull-up / 2.5V CPU clock
output.
54
GND
PWR
Ground pin.
55
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
56
Vtt_PWRGD#**/REF1
I/O
This 3.3V LVTTL input is a level sensitive strobe used to determine when latch inputs
are valid and are ready to be sampled. This is an active low input. / 14.318 MHz
reference clock.
DESCRIPTION
Mode Pin - Power Management Input Control
6
n
i
P
,
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
6
2
n
i
P8
1
n
i
P8
n
i
P
0
#
D
P
)
t
u
p
n
I
(
#
P
O
T
S
_
U
P
C
)
t
u
p
n
I
(
#
P
O
T
S
_
I
C
P
)
t
u
p
n
I
(
1
#
T
E
S
E
R
)
t
u
p
t
u
O
(
5
K
L
C
I
C
P
)
t
u
p
t
u
O
(
2
P
G
A
)
t
u
p
t
u
O
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com