Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS950908 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950908
Description  Programmable Timing Control Hub??for P4?
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950908 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950908 Datasheet HTML 1Page - Integrated Circuit Systems ICS950908 Datasheet HTML 2Page - Integrated Circuit Systems ICS950908 Datasheet HTML 3Page - Integrated Circuit Systems ICS950908 Datasheet HTML 4Page - Integrated Circuit Systems ICS950908 Datasheet HTML 5Page - Integrated Circuit Systems ICS950908 Datasheet HTML 6Page - Integrated Circuit Systems ICS950908 Datasheet HTML 7Page - Integrated Circuit Systems ICS950908 Datasheet HTML 8Page - Integrated Circuit Systems ICS950908 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Integrated
Circuit
Systems, Inc.
ICS950908
Preliminary Product Preview
0653A—07/26/04
Pin Configuration
Recommended Application:
VIA Pro266/PN266/CLE266/CM400 chipset for PIII/Tualatin/C3
Processor
Output Features:
•
1 - Pair of differential CPU clocks @ 3.3V (CK408)/
•
1 - Pair of differential open drain CPU clocks (K7)
•
2 - Push pull CPUT_CS clocks @ 2.5V
•
3 - AGP @ 3.3V
•
7 - PCI @ 3.3V
•
1 - 48MHz @ 3.3V fixed
•
1 - 24_48MHz @ 3.3V
•
2 - REF @ 3.3V, 14.318MHz
Key Specifications:
•
CPU_CS - CPUT/C: <±250ps
•
CPU_CS - AGP: <±250ps
•
CPU - DDR/SD: <±250ps
•
PCI - PCI: <500ps
Programmable Timing Control Hub™ for P4™
* Internal 120K pull-up resistor to VDD.
** Internal 120K pull-down resistor to GND.
56-Pin 300-mil SSOP
Frequency Table
*FS0/REF0 1
56 Vtt_PWRGD#**/REF1
GND 2
55 VDDREF
X1 3
54 GND
X2 4
53 CPUCLKT/CPUCLKODT
VDDAGP 5
52 CPUCLKC/CPUCLKODC
*MODE/AGPCLK0 6
51 VDDCPU3.3
*SEL_408/K7/AGPCLK1 7
50 VDDCPU2.5
*(PCI_STOP#)AGPCLK2 8
49 CPUT0_CS
GNDAGP 9
48 CPUT1_CS
**FS1/PCICLK_F 10
47 GND
**SEL_SDR/DDR#/PCICLK1 11
46 FBOUT
*MULTSEL/PCICLK2 12
45 BUF_IN
GNDPCI 13
44 DDRT0/SDRAM0
PCICLK3 14
43 DDRC0/SDRAM1
PCICLK4 15
42 DDRT1/SDRAM2
VDDPCI 16
41 DDRC1/SDRAM3
PCICLK5 17
40 VDD3.3_2.5
*(CLK_STOP#)/PCICLK6 18
39 GND
GND48 19
38 DDRT2/SDRAM4
*FS3/48MHz 20
37 DDRC2/SDRAM5
*FS2/24_48MHz 21
36 DDRT3/SDRAM6
AVDD48 22
35 DDRC3/SDRAM7
VDD 23
34 VDD3.3_2.5
GND 24
33 GND
IREF 25
32 DDRT4/SDRAM8
*(PD#)RESET# 26
31 DDRC4/SDRAM9
SCLK 27
30 DDRT5/SDRAM10
SDATA 28
29 DDRC5/SDRAM11
0
L
E
S
I
T
L
U
M
t
e
g
r
a
T
d
r
a
o
B
Z
m
r
e
T
/
e
c
a
r
T
,
R
e
c
n
e
r
e
f
e
R
=
f
e
r
I
V
D
D
)
r
R
*
3
(
/
t
u
p
t
u
O
t
n
e
r
r
u
C
Z
@
h
o
V
0s
m
h
o
0
5
,
%
1
1
2
2
=
r
R
A
m
0
0
.
5
=
f
e
r
I
F
E
R
I
*
4
=
h
o
I0
5
@
V
0
.
1
1s
m
h
o
0
5
,
%
1
5
7
4
=
r
R
A
m
2
3
.
2
=
f
e
r
I
F
E
R
I
*
6
=
h
o
I0
5
@
V
7
.
0
3
S
F2
S
F1
S
F0
S
F
K
L
C
U
P
C
z
H
M
P
G
A
z
H
M
K
L
C
I
C
P
z
H
M
00
0
0
0
0
.
0
6
10
0
.
0
80
0
.
0
4
00
0
1
0
0
.
4
6
10
0
.
2
80
0
.
1
4
00
1
0
0
6
.
6
6
10
6
.
6
60
3
.
3
3
00
1
1
0
0
.
0
7
10
0
.
8
60
0
.
4
3
01
0
0
0
0
.
5
7
10
0
.
0
70
0
.
5
3
01
0
1
0
0
.
0
8
10
0
.
2
70
0
.
6
3
01
1
0
0
0
.
5
8
10
0
.
4
70
0
.
7
3
01
1
1
0
0
.
0
9
10
0
.
6
70
0
.
8
3
10
0
0
0
8
.
6
60
8
.
6
60
4
.
3
3
10
0
1
0
9
.
0
0
17
2
.
7
63
6
.
3
3
10
1
0
0
6
.
3
3
10
8
.
6
60
4
.
3
3
10
1
1
0
4
.
0
0
20
8
.
6
60
4
.
3
3
11
0
0
0
6
.
6
60
6
.
6
60
3
.
2
3
11
0
1
0
0
.
0
0
10
6
.
6
60
3
.
3
3
11
1
0
0
0
.
0
0
20
6
.
6
60
3
.
3
3
11
1
1
0
3
.
3
3
10
6
.
6
60
3
.
3
3
Features/Benefits:
•
Programmable output frequency.
•
Programmable output divider ratios.
•
Programmable output rise/fall time.
•
Programmable output skew.
•
Programmable spread percentage for EMI control.
•
Watchdog timer technology to reset system
if system malfunctions.
•
Programmable watch dog safe frequency.
•
Support I
2C Index read/write and block read/write
operations.
•
Uses external 14.318MHz crystal.
PRODUCT PREVIEW documents contain information on new products in the sampling or preproduction phase of development. Characteristic data and other specifications are subject to
change without notice.


Similar Part No. - ICS950908

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950908 RENESAS-ICS950908 Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS950908YFLF-T RENESAS-ICS950908YFLF-T Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
ICS950908YGLF-T RENESAS-ICS950908YGLF-T Datasheet
467Kb / 23P
Programmable Timing Control Hub™ for P4™
2019
More results

Similar Description - ICS950908

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950201 ICST-ICS950201 Datasheet
206Kb / 16P
Programmable Timing Control Hub??for P4?
ICS950905 ICST-ICS950905 Datasheet
206Kb / 18P
Programmable Timing Control Hub??for P4?
ICS950910 ICST-ICS950910 Datasheet
183Kb / 20P
Programmable Timing Control Hub for P4
ICS950902 ICST-ICS950902 Datasheet
184Kb / 20P
Programmable Timing Control Hub??for P4?
ICS950703 ICST-ICS950703 Datasheet
158Kb / 24P
PROGRAMMABLE TIMING CONTROL HUB FOR P4
ICS950208 ICST-ICS950208 Datasheet
133Kb / 19P
Programmable Timing Control Hub for P4
ICS950211 ICST-ICS950211 Datasheet
183Kb / 21P
Programmable Timing Control Hub for P4
ICS950220 ICST-ICS950220 Datasheet
170Kb / 20P
Programmable Timing Control Hub??for P4?
logo
Integrated Device Techn...
ICS950910 IDT-ICS950910 Datasheet
218Kb / 21P
Programmable Timing Control Hub??for P4?
logo
Integrated Circuit Solu...
ICS950220AFLFT ICSI-ICS950220AFLFT Datasheet
238Kb / 20P
Programmable Timing Control Hub??for P4?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com