Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2183SPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR2183SPBF
Description  HALF-BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2183SPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR2183SPBF Datasheet HTML 5Page - International Rectifier IR2183SPBF Datasheet HTML 6Page - International Rectifier IR2183SPBF Datasheet HTML 7Page - International Rectifier IR2183SPBF Datasheet HTML 8Page - International Rectifier IR2183SPBF Datasheet HTML 9Page - International Rectifier IR2183SPBF Datasheet HTML 10Page - International Rectifier IR2183SPBF Datasheet HTML 11Page - International Rectifier IR2183SPBF Datasheet HTML 12Page - International Rectifier IR2183SPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IR2183(4)(S)&(PbF)
www.irf.com
9
100
300
500
700
900
1100
-50
-25
0
25
50
75
100
125
Temperature (oC)
Min.
Figure 8A. Deadtime vs. Temperature
Typ.
Max.
100
300
500
700
900
1100
10
12
14
16
18
20
Supply Voltage (v)
Figure 8B. Deadtime vs. Supply Voltage
Typ.
Max.
Min.
0
1
2
3
4
5
6
7
0
50
100
150
200
R
DT (K° )
Figure 8C. Deadtime vs. R
DT
Typ.
Max.
Min.
0
1
2
3
4
5
6
-50
-25
0
25
50
75
100
125
Temperature (oC)
Min.
Figure 9A. Logic "1" Input Voltage
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com