Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR2183SPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2183SPBF
Description  HALF-BRIDGE DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2183SPBF Datasheet(HTML) 1 Page - International Rectifier

  IR2183SPBF Datasheet HTML 1Page - International Rectifier IR2183SPBF Datasheet HTML 2Page - International Rectifier IR2183SPBF Datasheet HTML 3Page - International Rectifier IR2183SPBF Datasheet HTML 4Page - International Rectifier IR2183SPBF Datasheet HTML 5Page - International Rectifier IR2183SPBF Datasheet HTML 6Page - International Rectifier IR2183SPBF Datasheet HTML 7Page - International Rectifier IR2183SPBF Datasheet HTML 8Page - International Rectifier IR2183SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Typical Connection
HALF-BRIDGE DRIVER
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout for both channels
• 3.3V and 5V input logic compatible
• Matched propagation delay for both channels
• Logic and power ground +/- 5V offset.
• Lower di/dt gate driver for better noise immunity
• Output source/sink current capability 1.4A/1.8A
• Also available LEAD-FREE (PbF)
IR21834
IR2183
Packages
www.irf.com
1
V
CC
V
B
V
S
HO
LO
COM
HIN
LIN
LIN
HIN
up to 600V
TO
LOAD
V
CC
HIN
up to 600V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
HIN
DT
V
SS
LIN
V
CC
LIN
V
SS
R
DT
IR2183(4)(S)&(PbF)
Data Sheet No. PD60173 rev.G
(Refer to Lead Assignment for correct pin
configuration) This/These diagram(s) show
electrical connections only. Please refer to our
Application Notes and DesignTips for proper circuit
board layout.
14-Lead PDIP
IR21834
14-Lead SOIC
IR21834S
Description
The IR2183(4)(S) are high voltage,
high speed power MOSFET and IGBT
drivers with dependent high and low
side referenced output channels. Pro-
prietary HVIC and latch immune
CMOS technologies enable rugge-
dized monolithic construction. The
logic input is compatible with standard
CMOS or LSTTL output, down to 3.3V
logic. The output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction.
The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side configuration
which operates up to 600 volts.
Part
Input
logic
Cross-
conduction
prevention
logic
Dead-Time
Ground Pins
Ton/Toff
2181
COM
21814
HIN/LIN
no
none
VSS/COM
180/220 ns
2183
Internal 500ns
COM
21834
HIN/LIN
yes
Program 0.4 ~ 5 us
VSS/COM
180/220 ns
2184
Internal 500ns
COM
21844
IN/SD
yes
Program 0.4 ~ 5 us
VSS/COM
680/270 ns
IR2181/IR2183/IR2184 Feature Comparison
8-Lead PDIP
IR2183
8-Lead SOIC
IR2183S


Similar Part No. - IR2183SPBF

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR2183S INFINEON-IR2183S Datasheet
361Kb / 22P
HALF-BRIDGE DRIVER
Data Sheet No. PD60173 rev.H
logo
International Rectifier
IR2183STRPBF IRF-IR2183STRPBF Datasheet
288Kb / 22P
HALF-BRIDGE DRIVER
More results

Similar Description - IR2183SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com