| Electronic Components Datasheet Search |
|
MAX96708 Datasheet(PDF) 59 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX96708 Datasheet(HTML) 59 Page - Maxim Integrated Products |
|
59 / 68 page ![]() Table 6. Output Map (DBL = 1, Second Word) BIT SETTING OUTPUT BITS (SECOND WORD) DB HV BW CR DE SC* B0 B1 B2 B3 B4 B5 B6 B7 B8 B9 B10 B11 B12 B13 1 0 0 0 X 3 11 12 13 14 15 16 17 18 19 20 21 Z Z Z 1 0 0 1 X 3 8 9 10 11 12 13 14 15 Z Z Z Z Z Z 1 0 1 0 X 3 15 16 17 18 19 20 21 22 23 24 25 26 27 28 1 0 1 1 X 3 12 13 14 15 16 17 18 19 20 21 22 23 Z Z 1 1 0 0 0 1,2 11 12 13 14 15 16 17 18 19 20 21 Z HH VH 1 1 0 0 1 1,2 11 12 13 14 15 16 17 18 19 20 Z 21 HH VH 1 1 0 1 0 1,2 8 9 10 11 12 13 14 15 Z Z Z Z HH VH 1 1 0 1 1 1,2 8 9 10 11 12 13 14 Z Z Z Z 15 HH VH 1 1 1 0 1 1 15 16 17 18 19 20 21 22 23 24 25 28 HH VH 1 1 1 0 1 2 15 16 17 18 19 20 21 22 23 24 25 26 HH VH 1 1 1 0 0 1,2 15 16 17 18 19 20 21 22 23 24 25 26 HH VH 1 1 1 1 X 1,2 12 13 14 15 16 17 18 19 20 21 22 23 HH VH Table 7. Legend BIT SETTINGS MAPPED SYNC OUTPUTS DB Double mode bit DBL H HSYNC ( when DBL = 0) HV H/V Encoding bit HVEN V VSYNC ( when DBL = 0) BW BWS bit D DE ( when DBL = 0) — — HH HSYNC (high word, DBL = 1) CR PXL_CRC bit VH VSYNC (high word, DBL = 1) DE DEEN DH DE (high word, DBL = 1) SC* HV_SRC (dec) HL HSYNC (low word, DBL = 1) X 1 or 0 VL VSYNC (low word, DBL = 1) BIT COLOR DL DE (low word, DBL = 1) Sync Bits # Serial Bits Output on first word Z Zero Output on second word Zero *HV_SRC is automatically set by default. MAX96705 mode automatically sets HV_SRC to 0, 1, or 3 according to the other bit set- tings above. MAX96707 mode automatically sets HV_SRC to 0, 2, or 3 according to the other bit settings above. www.maximintegrated.com Maxim Integrated │ 59 MAX96708 14-Bit GMSL Deserializer with Coax or STP Cable Input |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |