Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33888APNB Datasheet(PDF) 2 Page - Motorola, Inc

Part # PC33888APNB
Description  Quad High-Side and Octal Low-Side Switch for Automotive
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33888APNB Datasheet(HTML) 2 Page - Motorola, Inc

  PC33888APNB Datasheet HTML 1Page - Motorola, Inc PC33888APNB Datasheet HTML 2Page - Motorola, Inc PC33888APNB Datasheet HTML 3Page - Motorola, Inc PC33888APNB Datasheet HTML 4Page - Motorola, Inc PC33888APNB Datasheet HTML 5Page - Motorola, Inc PC33888APNB Datasheet HTML 6Page - Motorola, Inc PC33888APNB Datasheet HTML 7Page - Motorola, Inc PC33888APNB Datasheet HTML 8Page - Motorola, Inc PC33888APNB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
33888
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
2
Table 1. Features Comparison: 33888 and 33888A
Figure 1. 33888 Simplified Internal Block Diagram
Parameter
Symbol
Condition
33888
33888A
For details,
see page
Undervoltage Low-Side Output Shutdown
VPWRUV
–
5.0 V
3.0 V
11
Low-Side Drain-to-Source ON Resistance
RDS(ON)
VPWR = 4.5 V;
VDD = 3.5 V
Not specified
8.0
Ω
14
Recommended Frequency of SPI Operation
fSPI
Extended Mode,
VDD = 3.4 V
Not specified
2.1 MHz
(max)
17
Watchdog
Overtemperature
Detection
Open Load
Detection
Logic
SPI
3.0 MHz
Selectable Current Limit
Internal
Regulator
Gate Driver
Over/Undervoltage
Protection
HS0
VPWR
VDD
CS
SCLK
SO
SI
RST
WAKE
FS
IN0
FSI
IN3
CSNS0-1
HS0
HS1
HS2
HS3
HS1
HS2
IN1
IN2
Selectable Output Current
Recopy (Analog MUX)
VIC
VIC
IDWN
IUP
IDWN
RDWN
Selectable Output Current
Recopy (Analog MUX)
Gate
Control
Clamp
Over-
temperature
ILIM
Open Load
LS4
LS5
LS6
LS7
LS8
LS9
LS10
LS11
x 8
HS3
CSNS2-3
GND
10 m
Ω
Gate Control and Fault 10 m
Ω
Gate Control and Fault 40 m
Ω
Gate Control and Fault 40 m
Ω
ILS
WDIN
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com