Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC33888APNB Datasheet(PDF) 3 Page - Motorola, Inc

Part # PC33888APNB
Description  Quad High-Side and Octal Low-Side Switch for Automotive
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

PC33888APNB Datasheet(HTML) 3 Page - Motorola, Inc

  PC33888APNB Datasheet HTML 1Page - Motorola, Inc PC33888APNB Datasheet HTML 2Page - Motorola, Inc PC33888APNB Datasheet HTML 3Page - Motorola, Inc PC33888APNB Datasheet HTML 4Page - Motorola, Inc PC33888APNB Datasheet HTML 5Page - Motorola, Inc PC33888APNB Datasheet HTML 6Page - Motorola, Inc PC33888APNB Datasheet HTML 7Page - Motorola, Inc PC33888APNB Datasheet HTML 8Page - Motorola, Inc PC33888APNB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
MOTOROLA ANALOG INTEGRATED CIRCUIT DEVICE DATA
33888
3
TERMINAL DEFINITIONS FOR PQFN
Functional descriptions of many of these terminals can be found in the System/Application Information section beginning on
page 19.
Terminal
Terminal
Name
Formal Name
Definition
1
FS
Fault Status
(Active Low)
This output terminal is an open drain indication that goes active low when a fault
mode is detected by the device. Specific device fault indication is given via the SO
terminal.
2, 24
VPWR
Positive Power Supply
These terminal connects to the positive power supply and are the source input of
operational power for the device.
3
6
8
10
LS4
LS6
LS8
LS10
Low-Side Output 4
Low-Side Output 6
Low-Side Output 8
Low-Side Output 10
Each low-side terminal is one 0.6
Ω low-side output MOSFET drain, which pulls
current through the connected loads. Each of the outputs is actively clamped at
53 V. These outputs are current and thermal overload protected. Maximum steady
state current through each of these outputs is 500 mA.
4, 11, 15,
20, 32
GND
Ground
These terminals serve as the ground for the source of the low-side output
transistors as well as the logic portion of the device.
5
7
9
12
LS5
LS7
LS9
LS11
Low-Side Output 5
Low-Side Output 7
Low-Side Output 9
Low-Side Output 11
Each low-side terminal is one 0.6
Ω low-side output MOSFET drain, which pulls
current through the connected loads. Each of the outputs is actively clamped at
53 V. These outputs are current and thermal overload protected. Maximum steady
state current through each of these outputs is 800 mA.
13
VDD
Digital Drain Voltage (Power)
This is an external input terminal used to supply power to the SPI circuit.
Transparent Top View of Package
2
3
13
11
12
10
9
8
7
6
5
4
15
GND
17
18
19
21
20
22
35
34
33
32
31
30
23
24 VPWR
25
26
27
28
29
1
36
WDIN
FSI
RST
WAKE
GND
IHS1
IHS0
CSNS0-1
SCLK
CS
SI
ILS
GND
IHS3
IHS2
CSNS2-3
14
Internally Connected to VPWR
16
(Control Die)
(Power Die)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com