Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9073 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9073
Description  Dual High Current Low-Dropout System Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9073 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM9073 Datasheet HTML 1Page - National Semiconductor (TI) LM9073 Datasheet HTML 2Page - National Semiconductor (TI) LM9073 Datasheet HTML 3Page - National Semiconductor (TI) LM9073 Datasheet HTML 4Page - National Semiconductor (TI) LM9073 Datasheet HTML 5Page - National Semiconductor (TI) LM9073 Datasheet HTML 6Page - National Semiconductor (TI) LM9073 Datasheet HTML 7Page - National Semiconductor (TI) LM9073 Datasheet HTML 8Page - National Semiconductor (TI) LM9073 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM9073
Dual High Current Low-Dropout System Regulator
General Description
The LM9073 is a high performance voltage regulator system
with operational and protection features that address many
requirements of automotive applications. Two regulated out-
puts are provided. The main regulator provides a precision
2% tolerance 5V output at 700mA with a low dropout charac-
teristic. The second output, an External Supply regulator,
provides a 5V output with 2% tolerance for load currents up
to 100mA. This External Supply output is fully protected from
short circuit to ground or the unregulated input supply (igni-
tion or battery potentials in automotive applications) which
makes it suitable for powering remotely located load circuits
or sub-systems.
The LM9073 also contains a programmable delayed system
reset output. Two control inputs are provided. An ON/OFF in-
put intended for connection to an ignition switch, and a Keep
Alive input whereby a system can remain powered after igni-
tion has been switched OFF. Additionally, a watchdog func-
tion is built in to enhance system operationally reliability.
For EMC concerns the LM9073 remains fully operational
and does not generate false rest signals while subjected to
greater than 100mA, 1MHz to 400MHz bulk current injection
signals on the input supply and External Supply output lines.
Features
n
Two 5V regulated outputs:
n
700mA, 2% Main output
n
100mA, 2% External Supply output
n
External Supply output protected from shorts to battery
n
Good EMI (1MHz to 400MHz, BCI) immunity
n
Separate ON/OFF and Keep-Alive control inputs
n
Less than 100µA quiescent current in OFF state
n
Programmable delayed reset output
n
Adjustable threshold voltage for generating reset
n
Built-in system watchdog timer
n
Input transient protection over 60V to −45V
n
Less than 1V dropout at full load
n
Wide −40˚C to 125˚C operating temperature range
n
Surface mount, TO−263 and standard TO−220 power
packages
Applications
n
Automotive module supply power conditioning
n
Remote sub−system powering
n
Continuous operation for save routines and E
2PROM
programing after power down command
n
Safety relates systems − EMC operational with a system
watchdog monitor
Connection Diagram
11 Lead TO−263 Package
DS101296-1
Top View
Order Number LM9073S
See NS Package Number TS11B
11 Lead TO−220 Package
DS101296-2
Top View
Order Number LM9073T
See NS Package Number TA11B
PRELIMINARY
April 2000
© 2000 National Semiconductor Corporation
DS101296
www.national.com


Similar Part No. - LM9073

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9070 NSC-LM9070 Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
logo
Texas Instruments
LM9070 TI1-LM9070 Datasheet
1Mb / 19P
Low-Dropout System Voltage Regulator
LM9070 TI2-LM9070 Datasheet
716Kb / 18P
LM9070 Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
REVISED APRIL 2013
logo
National Semiconductor ...
LM9070M NSC-LM9070M Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
LM9070S NSC-LM9070S Datasheet
292Kb / 13P
Low-Dropout System Voltage Regulator with Keep-Alive ON/OFF Control
More results

Similar Description - LM9073

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9072 NSC-LM9072 Datasheet
477Kb / 15P
Dual Tracking Low-Dropout System Regulator
logo
Microsemi Corporation
SG29125 MICROSEMI-SG29125 Datasheet
41Kb / 4P
LOW DROPOUT DUAL REGULATOR
logo
Toshiba Semiconductor
TAR8D01K TOSHIBA-TAR8D01K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8D03K TOSHIBA-TAR8D03K Datasheet
169Kb / 8P
Dual Low-Dropout Regulator
TAR8D06K TOSHIBA-TAR8D06K Datasheet
162Kb / 7P
Dual Low-Dropout Regulator
TAR8D08K TOSHIBA-TAR8D08K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
TAR8H05K TOSHIBA-TAR8H05K Datasheet
170Kb / 8P
Dual Low-Dropout Regulator
logo
ON Semiconductor
CS8135 ONSEMI-CS8135 Datasheet
88Kb / 8P
Low Dropout Dual Regulator
December, 2001 - Rev. 3
logo
Texas Instruments
LM9070 TI1-LM9070 Datasheet
1Mb / 19P
Low-Dropout System Voltage Regulator
LM9071 TI1-LM9071 Datasheet
979Kb / 15P
Low-Dropout System Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com