Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9617 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9617
Description  Monochrome CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9617 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM9617 Datasheet HTML 2Page - National Semiconductor (TI) LM9617 Datasheet HTML 3Page - National Semiconductor (TI) LM9617 Datasheet HTML 4Page - National Semiconductor (TI) LM9617 Datasheet HTML 5Page - National Semiconductor (TI) LM9617 Datasheet HTML 6Page - National Semiconductor (TI) LM9617 Datasheet HTML 7Page - National Semiconductor (TI) LM9617 Datasheet HTML 8Page - National Semiconductor (TI) LM9617 Datasheet HTML 9Page - National Semiconductor (TI) LM9617 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Confidential
6
www.national.com
Absolute Maximum Ratings (Notes 1 & 2)
Any Positive Supply Voltage
6.5V
Voltage On Any Input or Output Pin
-0.5V to 6.5V
Input Current at any pin (Note 3)
±25mA
ESD Susceptibility (Note 5)
Human Body Model
2000V
Machine Model
200V
Package Input Current (Note 3)
±50mA
Package Power Dissipation @ TA(Note 4)
2.5W
Soldering Temperature Infrared,
10 seconds (Note 6)
220°C
Storage Temperature
-40°C to 125°C
Operating Ratings (Notes 1 & 2)
Operating Temperature Range
0°C
≤T≤+50°C
All VDD Supply Voltages
+3.15V to +3.6V
Voltage Range on vref_adc pin
+0.6V to +1.0V
Voltage Range on offset pin
+0.04V to +0.4V
DC and logic level specifications
The following specifications apply for all VDD pins= +3.3V. Boldface limits apply for TA = T
MIN to TMAX: all other limits TA = 25
oC
(Note 7)
Power Dissipation Specifications
The following specifications apply for All VDD pins = +3.3V. Boldface limits apply for TA = T MIN to TMAX: all other limits TA = 25
oC.
Symbol
Parameter
Conditions
Min
note 9
Typical
note 8
Max
note 9
Units
sclk, sda, sadr, Digital Input/Output Characteristics
VIH
Logical “1” Input Voltage
0.7
* vdd_od
vdd_od+0.5
V
VIL
Logical “0” Input Voltage
-0.5
0.3*vdd_od
V
VOL
Logical “0” Output Voltage
vdd_od = +3.15V, Iout=3.0mA
0.5
V
Vhys
Hysteresis (SCLK pin only)
vdd_od = +3.15V
0.05
*vdd_o
d
V
Ileak
Input Leakage Current
Vin=vss_od
-1
mA
mclk, snapshot, pdwn, resetb, hsync, vsync Digital Input Characteristics
VIH
Logical “1” Input Voltage
vdd_dig = +3.6V
2.0
V
VIL
Logical “0” Input Voltage
vdd_dig = +3.15V
0.8
V
IIH
Logical “1” Input Current
VIH = vdd_dig
0.1
mA
IIL
Logical “0” Input Current
VIL = vss_dig
-1
mA
d0 - d11, pclk, hsync, vsync, extsync, irq, Digital Output Characteristics
VOH
Logical “1” Output Voltage
vdd_od=3.15V, Iout=-1.6mA
2.2
V
VOL
Logical “0” Output Voltage
vdd_od=3.15V, Iout =-1.6mA
0.5
V
IOZ
TRI-STATE Output Current
VOUT = vss_od
VOUT = vdd_od
-0.1
0.1
mA
mA
IOS
Output Short Circuit Current
+/-17
mA
Power Supply Characteristics
IA
Analog Supply Current
Power down mode, no clock.
Operational mode in dark
700
19
mA
mA
ID
Digital Supply Current
Power down mode, no clock.
Operational mode in dark
300
7
mA
mA
Symbol
Parameter
Conditions
Min
note 9
Typical
note 8
Max
note 9
Units
Pdwn
Power Down
no clock running
5
mW
PWR
Average Power Dissipation
mclk = 48Mhz & sensors default set-
tings in dark.
90
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com