Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM9617 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM9617
Description  Monochrome CMOS Image Sensor VGA 30 FPS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM9617 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM9617 Datasheet HTML 6Page - National Semiconductor (TI) LM9617 Datasheet HTML 7Page - National Semiconductor (TI) LM9617 Datasheet HTML 8Page - National Semiconductor (TI) LM9617 Datasheet HTML 9Page - National Semiconductor (TI) LM9617 Datasheet HTML 10Page - National Semiconductor (TI) LM9617 Datasheet HTML 11Page - National Semiconductor (TI) LM9617 Datasheet HTML 12Page - National Semiconductor (TI) LM9617 Datasheet HTML 13Page - National Semiconductor (TI) LM9617 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Confidential
10
www.national.com
Functional Description
1.0
OVERVIEW
1.1
Light Capture and Conversion
The LM9617 contains a CMOS active pixel array consisting of
648 rows by 488 columns. This active region is surrounded by 8
columns and 8 rows of optically shielded (black) pixels as shown
in Figure.
8 columns, 8 rows
black pixels
8 columns, 8 rows
black pixels
648 columns, 488 rows
mono-chrome active pixels
Figure 7: CMOS APS region of the LM9617
At the beginning of a given integration time the on-board timing
and control circuit will reset every pixel in the array one row at a
time as shown in Figure 8. Note that all pixels in the same row
are simultaneously reset, but not all pixels in the array.
a
b
c
d
e
f
g
h
i
j
k
l
m n
o
p
q
r
0
1
2
3
4
5
6
7
8
9
10
11
12
14
13
15
CDS/Shift Register
Analog Data Out
Figure 8: CMOS APS Row and Column addressing scheme
At the end of the integration time, the timing and control circuit
will address each row and simultaneously transfer the integrated
value of the pixel to a correlated double sampling circuit and
then to a shift register as shown in Figure 8.
Once the correlated double sampled data has been loaded into
the shift register, the timing and control circuit will shift them out
one pixel at a time starting with column “a”.
The pixel data is then fed into an analog video amplifier, where a
user programmed gain is applied .
After gain adjustment the analog value of each pixel is con-
verted to a 12 bit digital data as shown in Figure 9.
12 Bit A/D
Video
AMP
Analog pixel values
Digital pixel data
0-15dB
Figure 9: Analog Signals In, Digital Data Out.
The digital pixel data is further processed to:
• remove defects due to bad pixels,
• compensate black level, before being framed and presented
on the digital output port. (see Figure 10).
Figure 10. Digital Pixel Processing.
1.2
Program and Control Interfaces
The programming, control and status monitoring of the LM9617
is achieved through a two wire I2C compatible serial bus. In
addition, a slave address pin is provided (see Figure 11).
Figure 11. Control Interface to the LM9617.
Additional control and status pins: snapshot and external event
synchronization are provided allowing the latency of the serial
control port to be bypassed during single frame capture. An
interrupt request pin is also available allowing complex snapshot
operations to be controlled via an external micro-processor (see
Figure 12).
Figure 12. Snapshot & External Event Trigger Signals
do[11:0]
pclk
hsync
vsync
I
2C Compatible
Register Bank
Serial I/F
sda
sclk
sadr
Timing
Generator
irq
snapshot
extsyn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com