Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4897 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4897
Description  1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4897 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4897 Datasheet HTML 1Page - National Semiconductor (TI) LM4897 Datasheet HTML 2Page - National Semiconductor (TI) LM4897 Datasheet HTML 3Page - National Semiconductor (TI) LM4897 Datasheet HTML 4Page - National Semiconductor (TI) LM4897 Datasheet HTML 5Page - National Semiconductor (TI) LM4897 Datasheet HTML 6Page - National Semiconductor (TI) LM4897 Datasheet HTML 7Page - National Semiconductor (TI) LM4897 Datasheet HTML 8Page - National Semiconductor (TI) LM4897 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (MUB10A)
56˚C/W
θ
JA (MUB10A)
190˚C/W
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ 85˚C
Supply Voltage
2.6V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD = 5.0V
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4897
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, 8
Ω BTL
5
9
mA (max)
I
SD
Shutdown Current
V
shutdown = GND
0.1
2
µA (max)
V
OS
Output Offset Voltage
4
30
mV (max)
P
o
Output Power
THD+N = 1% (max), f = 1kHz
1.1
0.9
W (min)
THD+N
Total Harmonic Distortion+Noise
P
o = 0.4Wrms, f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mVpp sine wave,
C
B = 1.0µF
Input terminated with 10
Ω to GND
63 (f = 1kHz)
62 (f =
217Hz)
55
55
dB (min)
V
SDIH
Shutdown High Input Voltage
1.4
V (min)
V
SDIL
Shutdown Low Input Voltage
0.4
V (max)
V
ON
Output Noise
A-Weighted, Measured across 8
Ω
BTL
Input terminated with 10
Ω to
ground
26
µV
RMS
T
ON
Turn-On Time
C
BYPASS = 1µF
25
35
ms (max)
Electrical Characteristics V
DD = 3.0V
(Notes 1, 2)
The following specifications apply for the circuit shown in Figure 1 unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4897
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
I
DD
Quiescent Power Supply Current
V
IN = 0V, 8
Ω BTL
4
8
mA (max)
I
SD
Shutdown Current
V
shutdown = GND
0.1
2
µA (max)
P
o
Output Power
THD+N = 1% (max), f = 1kHz
350
320
mW (min)
V
OS
Output Offset Voltage
4
30
mV (max)
THD+N
Total Harmonic Distortion+Noise
P
o = 0.15Wrms, f = 1kHz
0.1
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mVpp sine wave,
C
B = 1.0µF
Input terminated with 10
Ω to
ground
63 (f = 1kHz)
62 (f =
217Hz)
55
55
dB (min)
V
SDIH
Shutdown High Input Voltage
1.4
V (min)
V
SDIL
Shutdown Low Input Voltage
0.4
V (max)
V
ON
Output Voltage Noise
A-Weighted, Measured across 8
Ω
BTL
Input terminated with 10
Ω to
ground
26
µV
RMS
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com