Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4897 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4897
Description  1.1 Watt Audio Power Amplifier with Fade-In and Fade-Out
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4897 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4897 Datasheet HTML 1Page - National Semiconductor (TI) LM4897 Datasheet HTML 2Page - National Semiconductor (TI) LM4897 Datasheet HTML 3Page - National Semiconductor (TI) LM4897 Datasheet HTML 4Page - National Semiconductor (TI) LM4897 Datasheet HTML 5Page - National Semiconductor (TI) LM4897 Datasheet HTML 6Page - National Semiconductor (TI) LM4897 Datasheet HTML 7Page - National Semiconductor (TI) LM4897 Datasheet HTML 8Page - National Semiconductor (TI) LM4897 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LM4897
1.1 Watt Audio Power Amplifier with Fade-In and
Fade-Out
General Description
The LM4897 is an audio power amplifier primarily designed
for demanding applications in mobile phones and other por-
table communication device applications. It is capable of
delivering 1.1W of continuous average power to an 8
Ω BTL
load with less than 1% distortion (THD+N) from a +5V
DC
power supply.
The LM4897 contains advanced pop and click circuitry that
eliminate noises which would otherwise occur during turn-on
and turn-off transitions. It also contains a fade-in/fade-out
feature that eliminates unnatural sound generated by
asserting/de-asserting the SHUTDOWN pin. The LM4897 is
unity-gain stable and can be configured by external gain-
setting resistors.
The LM4897 features a low-power consumption global shut-
down mode, which is achieved by driving the shutdown pin
with logic low. Additionally, the LM4897 features an internal
thermal shutdown protection mechanism.
Boomer audio power amplifiers were designed specifically to
provide high quality output power with a minimal amount of
external components. The LM4897 does not require output
coupling capacitors or bootstrap capacitors, and therefore is
ideally suited for lower-power portable applications where
minimal space and power consumption are primary require-
ments.
Key Specifications
j Improved PSRR at 5V, 3V, & 217Hz
62dB (typ)
j Higher PO at 5V, THD+N = 1%
1.1W (typ)
j Higher PO at 3V, THD+N = 1%
350mW (typ)
j Shutdown Current
0.1µA (typ)
Features
n
No output coupling capacitors, snubber networks or
bootstrap capacitors required
n
Unity gain stable
n
Ultra low current shutdown mode
n
Fade-In/Fade-Out
n
BTL output can drive capacitive loads up to 100pF
n
Advanced pop and click circuitry eliminates noises
during turn-on and turn-off transitions
n
2.6V - 5.5V operation
n
Available in a space-saving SO package
Applications
n
Mobile Phones
n
PDAs
n
Portable electronic devices
Connection Diagrams
Mini Small Outline (MSOP) Package
MSOP Marking
20050930
Top View
Order Number LM4897MM
See NS package Number MUB10A
200509D0
Top View
G - Boomer Family
97 - LM4897MM
Boomer® is a registered trademark of National Semiconductor Corporation.
May 2003
© 2003 National Semiconductor Corporation
DS200509
www.national.com


Similar Part No. - LM4897

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4890 NSC-LM4890 Datasheet
1Mb / 31P
1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4890 TI-LM4890 Datasheet
1Mb / 36P
1 Watt Audio Power Amplifier
LM48901 TI-LM48901 Datasheet
821Kb / 51P
Audio Power Amplifier Series
LM48901RL TI-LM48901RL Datasheet
821Kb / 51P
Audio Power Amplifier Series
LM48901RLX TI-LM48901RLX Datasheet
821Kb / 51P
Audio Power Amplifier Series
More results

Similar Description - LM4897

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4893 NSC-LM4893 Datasheet
705Kb / 22P
1.1 Watt Audio Power Amplifier
LM4879 NSC-LM4879 Datasheet
788Kb / 25P
1.1 Watt Audio Power Amplifier
logo
SG Micro Corp
SGM4890 SGMICRO-SGM4890 Datasheet
324Kb / 9P
1.1 Watt Audio Power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
1.1 Watt Audio Power Amplifier
logo
Productwell Precision E...
S711VB1 PRODUCTWELL-S711VB1_14 Datasheet
129Kb / 1P
Fade conrtol for popular type audio mixers, musical keyboards
logo
Integrated Silicon Solu...
IS32LT3120 ISSI-IS32LT3120 Datasheet
467Kb / 14P
DUAL CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
logo
Texas Instruments
LM4879 TI1-LM4879 Datasheet
1Mb / 32P
1.1 Watt Audio Power Amplifier
logo
Integrated Silicon Solu...
IS32LT3174 ISSI-IS32LT3174 Datasheet
449Kb / 16P
SINGLE CHANNEL, LINEAR LED DRIVER WITH FADE IN/FADE OUT
IS32LT3175N ISSI-IS32LT3175N Datasheet
609Kb / 19P
SINGLE CHANNEL LINEAR LED DRIVER WITH FADE IN/OUT AND PWM DIMMING
logo
Texas Instruments
DAC43901-Q1 TI1-DAC43901-Q1 Datasheet
2Mb / 59P
DAC4390x-Q1 Automotive Smart DACs for Logarithmic Fade-In Fade-Out and Sequential Turn Animation With I2C, SPI, GPIO, and PWM Interfaces
SEPTEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com