Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5070 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5070
Description  Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5070 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM5070 Datasheet HTML 1Page - National Semiconductor (TI) LM5070 Datasheet HTML 2Page - National Semiconductor (TI) LM5070 Datasheet HTML 3Page - National Semiconductor (TI) LM5070 Datasheet HTML 4Page - National Semiconductor (TI) LM5070 Datasheet HTML 5Page - National Semiconductor (TI) LM5070 Datasheet HTML 6Page - National Semiconductor (TI) LM5070 Datasheet HTML 7Page - National Semiconductor (TI) LM5070 Datasheet HTML 8Page - National Semiconductor (TI) LM5070 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
V
IN ,RTN to VEE
-0.3V to 80V
RSIG to V
IN
-12V to 0V
UVLO to V
EE
-0.3V to 57V
UVLORTN
-0.3V to 13V
RCLASS, RCLP to V
EE
-0.3V to 7V
ARTN to RTN
-0.3V to 0.3V
V
CC, OUT to ARTN
-0.3V to 16V
All other inputs to ARTN
-0.3V to 7V
ESD Rating
Human Body Model
2000V
Storage Temperature
-65˚C to +150˚C
Junction Temperature
150˚C
Lead Temperature (Note 2)
Wave (4 seconds)
Infrared (10 seconds)
Vapor Phase (75 seconds)
260˚C
240˚C
219˚C
Operating Ratings
V
IN voltage
1.8V to 75V
External voltage applied to V
CC
8.1V to 15V
Operating Junction Temperature
-40˚C to +125˚C
Electrical Characteristics (Note 3)
Specifications in standard type face are for T
J= +25˚C and those in boldface type apply over the full operating junction tem-
perature range. Unless otherwise specified: V
IN = 48V, VCC = 10V, RT = 30.3k
Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Powered Interface
IOS
Offset Current
V
IN < 10.0V
10
V
VCLSS(ON)
Signature Resistor Disable /
Classification Current Turn On
V
IN with respect to VEE
10.0
11.5
12.5
V
VCLSS(OFF) Classification Current Turn Off
V
IN with respect to VEE
20.5
22.0
23.0
V
Classification Voltage
With respect to V
EE
1.43
1.5
1.57
V
ICLASS
Supply Current During
Classification
V
IN =17V
0.5
1.5
mA
IDC
Supply Current During Normal
Operation
OUT floating
1
1.9
mA
UVLO Pin Reference Voltage
V
IN > 12V
1.95
2.00
2.05
V
UVLO Hysteresis Current
V
IN > UVLO
8.0
10
11.5
uA
Softstart Release
RTN falling with respect
to V
EE
1.2
1.45
1.7
V
Softstart Release Hysteresis
RTN rising with respect
to V
EE
0.8
1.1
1.3
V
RDS(ON)
PowerFET Resistance
I = 350mA,
V
IN = 48V
1
2.2
Ω
ILEAK
SMPS Bias Current
V
EE = 0V, VIN = RTN =
57V
100
uA
ILIM
Default Current Limit
V
EE = 0V, RTN = 3.0V,
Temp = 0˚C to 85˚C
350
390
420
mA
ILIM
Default Current Limit
V
EE = 0V, RTN = 3.0V,
Temp = -40˚C to 125˚C
325
390
420
mA
Current Limit Programming
Accuracy
V
EE = 0V, RTN = 3.0V,
RCLP = 80.6k
Ω
-20
+20
%
Startup Regulator
VccReg
V
CC Regulation
Open ckt
7.5
7.8
8.1
V
V
CC Current Limit
(Note 4)
15
20
mA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com