Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5070 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM5070
Description  Integrated Power Over Ethernet PD Interface and PWM Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5070 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM5070 Datasheet HTML 6Page - National Semiconductor (TI) LM5070 Datasheet HTML 7Page - National Semiconductor (TI) LM5070 Datasheet HTML 8Page - National Semiconductor (TI) LM5070 Datasheet HTML 9Page - National Semiconductor (TI) LM5070 Datasheet HTML 10Page - National Semiconductor (TI) LM5070 Datasheet HTML 11Page - National Semiconductor (TI) LM5070 Datasheet HTML 12Page - National Semiconductor (TI) LM5070 Datasheet HTML 13Page - National Semiconductor (TI) LM5070 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Detailed Operating Description
The LM5070 power interface port and pulse width modula-
tion (PWM) controller provides a complete integrated solu-
tion for Powered Devices (PD) that connect into Power over
Ethernet (PoE) systems. Major features of the PD interface
portion of the IC include detection, classification, program-
mable inrush current limit, thermal limit, programmable und-
ervoltage lockout, and current limit monitoring. The device
also includes a high-voltage start-up bias regulator that op-
erates over a wide input range up to 75V. The switch mode
power supply (SMPS) control portion of the IC includes
power good sensing, V
CC regulator under-voltage lockout,
cycle-by-cycle current limit, error amplifier, slope compensa-
tion, softstart, and oscillator sync capability. This high speed
BiCMOS IC has total propagation delays less than 100ns
and a 1MHz capable oscillator programmed by a single
external resistor. The LM5070 PWM controller provides
current-mode control for dc-dc converter topologies requiring
a single drive output, such as Flyback and Forward topolo-
gies. The LM5070 PWM enables all of the advantages of
current-mode control including line feed-forward, cycle-by-
cycle current limit and simplified loop compensation. The
oscillator ramp is internally buffered and added to the PWM
comparator input ramp to provide slope compensation nec-
essary for current mode control at duty cycles greater than
50% (-80 suffix only).
Modes of Operation
The LM5070 PD interface is designed to provide a fully
compliant IEEE 802.3af system. As such, the modes of
operation take into account the barrel rectifiers often utilized
to correctly polarize the dc input from the Ethernet cable.
Table 1 shows the LM5070 operating modes and associated
input voltage range.
20120005
FIGURE 3. PWM Controller Block Diagram
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com