Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8024 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8024
Description  Quad 350 MHz 24 V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024 Datasheet(HTML) 5 Page - Analog Devices

  AD8024_16 Datasheet HTML 1Page - Analog Devices AD8024_16 Datasheet HTML 2Page - Analog Devices AD8024_16 Datasheet HTML 3Page - Analog Devices AD8024_16 Datasheet HTML 4Page - Analog Devices AD8024_16 Datasheet HTML 5Page - Analog Devices AD8024_16 Datasheet HTML 6Page - Analog Devices AD8024_16 Datasheet HTML 7Page - Analog Devices AD8024_16 Datasheet HTML 8Page - Analog Devices AD8024_16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AD8024
–4–
REV. C
–Typical Performance Characteristics
SUPPLY VOLTAGE –
Volts
12
2
10
8
6
4
2
0
4
6
8
10
12
TA = 25 C
–VCM
+VCM
TPC 1. Input Common-Mode Voltage Range vs.
Supply Voltage
LOAD RESISTANCE –
7.0
10
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
100
1k
10k
VS = 7.5V
+SWING
–SWING
TPC 2. Output Voltage Swing vs. Load Resistance
SUPPLY VOLTAGE –
Volts
25
2
20
15
10
5
0
46
8
10
12
TA = 25 C
13
35
7
9
11
SWING
(NO LOAD)
SWING
(RL = 150 )
TPC 3. Output Voltage Swing vs. Supply Voltage
SUPPLY VOLTAGE –
Volts
25
2
20
15
10
5
0
46
8
10
12
TA = 25 C
14
0
TPC 4. Total Supply Current vs. Supply Voltage
TEMPERATURE – C
24
–40
22
16
10
–20
0
20
40
60
100
–60
20
18
14
12
80
VS = 12V
VS = 7.5V
TPC 5. Total Supply Current vs. Temperature
TEMPERATURE – C
–40
–1
–20
0
20
40
60
100
–60
80
+IB
–IB
0
1
2
3
VS = 7.5V
TPC 6. Input Bias Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com