Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8024 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8024
Description  Quad 350 MHz 24 V Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8024 Datasheet(HTML) 1 Page - Analog Devices

  AD8024_16 Datasheet HTML 1Page - Analog Devices AD8024_16 Datasheet HTML 2Page - Analog Devices AD8024_16 Datasheet HTML 3Page - Analog Devices AD8024_16 Datasheet HTML 4Page - Analog Devices AD8024_16 Datasheet HTML 5Page - Analog Devices AD8024_16 Datasheet HTML 6Page - Analog Devices AD8024_16 Datasheet HTML 7Page - Analog Devices AD8024_16 Datasheet HTML 8Page - Analog Devices AD8024_16 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8024
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
Quad 350 MHz
24 V Amplifier
FUNCTIONAL BLOCK DIAGRAM
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AD8024AR
OUT A
–IN A
+IN A
VCC
DIS
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
VEE
DGND
+IN C
–IN C
OUT C
PRODUCT DESCRIPTION
The AD8024 is a low settling time, high-speed, high output
voltage quad current feedback operational amplifier. Manu-
factured on ADI’s proprietary XFHV high-speed bipolar process,
the AD8024 is capable of driving to within 1.3 V of its 24 V
supply rail. Each amplifier has high-output current capability
and can drive high capacitive loads.
The AD8024 outputs settle to 0.1% within 35 ns into a 300 pF
load (6 V swing). The AD8024 can run on both 5 V as well as
± 12 V rails. Slew rate on ± 12 V supplies is 2400 V/µs. DC
Characteristics are outstanding with typical 2 mV offset, and
3
µA maximum input bias current. High-speed disable pin
allows the AD8024 to be shut down when not in use. Low-power
operation is assured with the 4 mA/Amplifier supply current draw.
The high voltage drive capability, low settling time, high slew
rate, low offset, and high bandwidth make the AD8024 ideally
suited as an LCD column driver, a video line driver, and for
use in high-performance test equipment.
The AD8024 is available in a 16-lead SOIC package.
VOUT
VIN
1V
20ns
2V
Figure 1. Pulse Response Driving a Large Load Capaci-
tance, CL = 300 pF, G = +3, RFB = 2.32 k
Ω, RS = 10.5 Ω,
RL = 1 k
Ω, VS = ±7.5 V
FEATURES
Quad High-Speed Current Feedback Amplifier
with Disable
–3 dB Bandwidth 350 MHz @ G = +1
Slew Rate 2400 V/ s, VS =
12 V
Drives High Capacitive Loads
Settling Time to 0.1% in 35 ns; 300 pF Load, 6 V Step
Settling Time to 0.1% in 18 ns; 5 pF Load, 2 V Step
Low Power
Operates on +5 V to
12 V (24 V)
4 mA/Amplifier Supply Current
Excellent Video Specs (RL = 150
, G = +2)
Gain Flatness 0.1 dB to 70 MHz
0.04% Differential Gain
0.09 Differential Phase
Crosstalk –58 dB @ 5 MHz
THD –72 dBc @ 5 MHz
Outstanding DC Accuracy
VOFFSET is 2 mV (Typ)
IBIAS is 3
A (Max)
16-Lead SOIC Package
APPLICATIONS
LCD Column Drivers
High-Performance Test Equipment
Video Line Driver
ATE


Similar Part No. - AD8024_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8024 AD-AD8024_15 Datasheet
374Kb / 13P
Quad 350 MHz 24 V Amplifier
REV. C
More results

Similar Description - AD8024_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8012 AD-AD8012 Datasheet
414Kb / 15P
Dual 350 MHz Low Power Amplifier
REV.A
AD8024 AD-AD8024 Datasheet
164Kb / 11P
Quad 350 MHz 24 V Amplifier
REV.B
logo
Texas Instruments
THS9001 TI-THS9001 Datasheet
451Kb / 17P
50 MHz to 350 MHz CASCADEABLE AMPLIFIER
logo
Analog Devices
AD8012 AD-AD8012_03 Datasheet
261Kb / 16P
Dual 350 MHz Low Power Amplifier
REV. B
AD8024 AD-AD8024_01 Datasheet
166Kb / 12P
Quad 350 MHz 24 V Amplifier
REV. C
logo
STMicroelectronics
THS9001 STMICROELECTRONICS-THS9001_08 Datasheet
601Kb / 20P
50 MHz to 350 MHz CASCADEABLE AMPLIFIER
11-Mar-2008
logo
Analog Devices
AD8012ARZ AD-AD8012ARZ Datasheet
475Kb / 17P
Dual 350 MHz Low Power Amplifier
REV. B
AD8024 AD-AD8024_15 Datasheet
374Kb / 13P
Quad 350 MHz 24 V Amplifier
REV. C
logo
Ultralife Corporation.
A-320V1-H ULTRALIFE-A-320V1-H Datasheet
300Kb / 2P
20-Watt 350-450 MHz Amplifier
4/8/11
A-320V1-HKT ULTRALIFE-A-320V1-HKT Datasheet
780Kb / 2P
350-450 MHz Amplifier Kit
5/30/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com