Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8045ARDZ Datasheet(PDF) 22 Page - Analog Devices

Part # AD8045ARDZ
Description  3 nV/?숰z, Ultralow Distortion, High Speed Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8045ARDZ Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8045ARDZ Datasheet HTML 18Page - Analog Devices AD8045ARDZ Datasheet HTML 19Page - Analog Devices AD8045ARDZ Datasheet HTML 20Page - Analog Devices AD8045ARDZ Datasheet HTML 21Page - Analog Devices AD8045ARDZ Datasheet HTML 22Page - Analog Devices AD8045ARDZ Datasheet HTML 23Page - Analog Devices AD8045ARDZ Datasheet HTML 24Page - Analog Devices AD8045ARDZ Datasheet HTML 25Page - Analog Devices AD8045ARDZ Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
AD8045
Data Sheet
Rev. B | Page 20 of 24
FREQUENCY (MHz)
0
5
10
15
20
25
30
0
–20
–40
–60
–80
–100
–120
AIN = –1dBFS
SNR = 69.9dBc
SFDR = 65.3dBc
Figure 69. Single-Tone FFT, FIN = 50 MHz, Sample Rate = 65 MSPS
Shown in the First Nyquist Zone
90 MHZ ACTIVE LOW-PASS FILTER (LPF)
Active filters are used in many applications such as antialiasing
filters and high frequency communication IF strips.
With a 400 MHz gain bandwidth product and high slew rate, the
AD8045 is an ideal candidate for active filters. Figure 70 shows
the frequency response of the 90 MHz LPF. In addition to the
bandwidth requirements, the slew rate must be capable of
supporting the full power bandwidth of the filter. In this case,
a 90 MHz bandwidth with a 2 V p-p output swing requires at
least 1200 V/µs. This performance is achievable only at 90 MHz
because of the wide bandwidth and high slew rate of the AD8045.
The circuit shown in Figure 73 is a 90 MHz, 4-pole, Sallen-Key,
LPF. The filter comprises two identical cascaded Sallen-Key LPF
sections, each with a fixed gain of G = +2. The net gain of the filter
is equal to G = +4 or 12 dB. The actual gain shown in Figure 70
is only 6 dB. This is due to the output voltage being divided in
half by the series matching termination resistor, RT, and the
load resistor.
Setting the resistors and capacitors equal to each other greatly
simplifies the design equations for the Sallen-Key filter. The
corner frequency, or −3 dB frequency, can be described by the
equation
RC
fc
2π
1
=
The quality factor, or Q, is shown in the equation
K
Q
−
=
3
1
The gain, or K, of the circuits is
1
1,
+
=
+
=
R7
R8
K
Stage
Second
R4
R3
K
Stage
First
Resistor values are kept low for minimal noise contribution,
offset voltage, and optimal frequency response. Due to the low
capacitance values used in the filter circuit, the PCB layout and
minimization of parasitics is critical. A few picofarads can detune
the filters corner frequency, fc. The capacitor values shown in
Figure 73 actually incorporate some stray PCB capacitance.
Capacitor selection is critical for optimal filter performance.
Capacitors with low temperature coefficients, such as NPO
ceramic capacitors and silver mica, are good choices for filter
elements.
FREQUENCY (MHz)
0.1
1
10
100
1000
–40
–30
–20
0
–10
10
–50
–60
–70
–80
–90
20
Figure 70. 90 MHz Low-Pass Filter Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com